Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMM-1102 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AMM-1102
Description  CON,MCX MALE STR CRIMP LMR100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AMM-1102 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AMM-1102 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.128
3.25
.18
4.5
2.5
.10
.39
9.9
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
CENTER PIN
BRASS
GOLD
INSULATOR
TFE
-
FERRULE
BRASS
NICKEL
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 335 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V RMS.
CABLE RETENTION: 3 lbs. PULL
MISCELLANEOUS:
COMPONENT
SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
ROHS, CE
D
D
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
CATEGORY
1AB14-037
K. BURGNER
A
CON,MCX MALE STR CRIMP LMR100
D
7
D.FRISIELLO
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
COLOR VARIATIONS
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
AMM-1102
D
AMM-1102.SLDDRW
11
7/21/06
REVISIONS
DESCRIPTION
APPROVED
REV
11/6/07
DATE
P. PESA
11/6/07
11/6/07
A
B
INITIAL RELEASE
ECN 4698: UPDATE TO NEW SUPPLIER SPECS
4/21/10
P. PESA
D. CASTRO
C
ECN 6667: UPD CENTER PIN SOLDER ONLY, FERRULE CRIMP & CABLE STRIP DIM.
D. DESJARDIN
M. AUDUS
6
2/4/13
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
6/18/13
43321
COAXIAL
PROJECTION
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
ECN 6907: ADDED ROHS NOTE, UPDATED PACKAGING TO INDIVIDUAL
PRODUCT DESCRIPTION
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
BODY
(SOLDER ONLY)
CENTER PIN
FERRULE
.60
15.2
5.0
.20
.40
10.2
RECOMMENDED
FERRULE CRIMP SIZE
RECOMMENDED
CABLE STRIPPING


Similar Part No. - AMM-1102

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AMM-2F GAMEWELL-FCI-AMM-2F Datasheet
428Kb / 1P
Addressable monitor module, single circuit, Style B, Class B
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-2IF GAMEWELL-FCI-AMM-2IF Datasheet
174Kb / 1P
Monitor module, two circuit, Style B, Class B
AMM-4F GAMEWELL-FCI-AMM-4F Datasheet
244Kb / 1P
Addressable monitor module single circuit, Style D, Class A or Style BC/A and B
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
Addressable Monitor Module
More results

Similar Description - AMM-1102

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
354867 ERNI-354867 Datasheet
49Kb / 1P
Male con. D32 solder
354871 ERNI-354871 Datasheet
53Kb / 1P
Male Con. E48 Solder
100600760003 ERNI-100600760003 Datasheet
58Kb / 1P
Male con. D32 solder
100700760003 ERNI-100700760003 Datasheet
68Kb / 1P
Male Con. E48 Solder
logo
Adam Technologies, Inc.
RF11-11-T-03-75-G ADAM-TECH-RF11-11-T-03-75-G Datasheet
112Kb / 1P
MCX MALE CRIMP RGI74
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX007-R178 ETC2-CONMCX007-R178 Datasheet
165Kb / 1P
MCX MALE CABLE END CRIMP FOR RG178 CABLE
logo
Molex Electronics Ltd.
SD-73366-030 MOLEX-SD-73366-030 Datasheet
88Kb / 1P
MCX PLUG, STR, FOR RG316 50 OHMS, CRIMP/CRIMP EWR-2672 MCX-PC
2001/04/02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com