Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQXXXDNA1ZPH Datasheet (PDF) - Sharp Corporation

PQXXXDNA1ZPH Datasheet PDF - Sharp Corporation
Part # PQXXXDNA1ZPH
Download  PQXXXDNA1ZPH Download
File Size   172.67 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact Surface Mount type Low Power-Loss Voltage Regulators

PQXXXDNA1ZPH Datasheet (PDF)

Go To PDF Page Download Datasheet
PQXXXDNA1ZPH Datasheet PDF - Sharp Corporation

Part # PQXXXDNA1ZPH
Download  PQXXXDNA1ZPH Click to download

File Size   172.67 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact Surface Mount type Low Power-Loss Voltage Regulators

PQXXXDNA1ZPH Datasheet (HTML) - Sharp Corporation


PQXXXDNA1ZPH Product details

Compact Surface Mount type Low Power-Loss Voltage Regulators



Features

1.Output current : 1A

2.High isolation voltage VIN:MAX.24 V

3.Low dissipation current(Dissipation current at no load: MAX. 8mA Output OFF-state dissipation current: MAX.5μA)

4.Built-in ON/OFF function

5.Built-in overcurrent and overheat protection functions

6.Built-in ASO protection function

7.Ceramic capacitor compatible

8.RoHS directive compliant



Applications

1.AV equipment

2.OA equipment




Similar Part No. - PQXXXDNA1ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXDZ01Z SHARP-PQXXXDZ01Z Datasheet
46Kb / 3P
Low Power-Loss Voltage Regulator
More results


Similar Description - PQXXXDNA1ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEZ5MZXH SHARP-PQXXXEZ5MZXH Datasheet
262Kb / 10P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com