Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H30D15C Datasheet (PDF) - Won-Top Electronics

H30D15C Datasheet PDF - Won-Top Electronics
Part # H30D15C
Download  H30D15C Download
File Size   55.05 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER

H30D15C Datasheet (PDF)

Go To PDF Page Download Datasheet
H30D15C Datasheet PDF - Won-Top Electronics

Part # H30D15C
Download  H30D15C Click to download

File Size   55.05 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER

H30D15C Datasheet (HTML) - Won-Top Electronics


H30D15C Product details

30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER



Features

! Glass Passivated Die Construction

! Ultra-Fast Switching

! Low Forward Voltage Drop

! Low Reverse Leakage Current

! High Surge Current Capability

! Plastic Material has UL Flammability Classification 94V-O




Similar Part No. - H30D15C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H30D15 MOSPEC-H30D15 Datasheet
141Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,50-200V)
logo
Chenmko Enterprise Co. ...
H30D15PT CHENMKO-H30D15PT Datasheet
88Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Similar Description - H30D15C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
U30D05C WTE-U30D05C Datasheet
61Kb / 4P
30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Vishay Siliconix
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com