Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H30D15 Datasheet (PDF) - Mospec Semiconductor

H30D15 Datasheet PDF - Mospec Semiconductor
Part # H30D15
Download  H30D15 Download
File Size   141.29 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description HIGH EFFICIENCY RECTIFIERS(30A,50-200V)

H30D15 Datasheet (PDF)

Go To PDF Page Download Datasheet
H30D15 Datasheet PDF - Mospec Semiconductor

Part # H30D15
Download  H30D15 Click to download

File Size   141.29 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description HIGH EFFICIENCY RECTIFIERS(30A,50-200V)

H30D15 Datasheet (HTML) - Mospec Semiconductor


H30D15 Product details

Switchmode Dual High Effciency Power Rectifiers




Similar Part No. - H30D15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
H30D15C WTE-H30D15C Datasheet
55Kb / 4P
30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Chenmko Enterprise Co. ...
H30D15PT CHENMKO-H30D15PT Datasheet
88Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Similar Description - H30D15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F30D05 MOSPEC-F30D05 Datasheet
137Kb / 2P
POWER RECTIFIERS(30A,50-200V)
H16C05 MOSPEC-H16C05 Datasheet
138Kb / 2P
HIGH EFFICIENCY RECTIFIERS(16A,50-200V)
H30D30 MOSPEC-H30D30 Datasheet
144Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,300-600V)
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(12A,50-200V)
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
FAST RECTIFIERS(16A,50-200V)
U30D05 MOSPEC-U30D05 Datasheet
138Kb / 2P
POWER RECTIFIERS(30A,50-200V)
logo
Microsemi Corporation
UES2605R MICROSEMI-UES2605R Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
RECTIFIERS High Efficiency, 30A Center-Tap
logo
Taiwan Semiconductor Co...
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
logo
Microsemi Corporation
UES701HR2 MICROSEMI-UES701HR2 Datasheet
319Kb / 6P
ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com