Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1963094 Datasheet (PDF) - PHOENIX CONTACT

1963094 Datasheet PDF - PHOENIX CONTACT
Part # 1963094
Download  1963094 Download
File Size   437.67 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 8-GFR-3,5 THT - PCB header

1963094 Datasheet (PDF)

Go To PDF Page Download Datasheet
1963094 Datasheet PDF - PHOENIX CONTACT

Part # 1963094
Download  1963094 Click to download

File Size   437.67 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 8-GFR-3,5 THT - PCB header

1963094 Datasheet (HTML) - PHOENIX CONTACT


1963094 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 8, number
of rows: 1, number of positions: 8, number of connections: 8, product range: MCV 1,5/..-GFRTHT,
pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder
pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard, Two-in-one – Pin strips must always be made up
of a left (L) and a right (R) segment. Please allow for the corresponding counterpart from the
accessories to complete the THR pin strip. User information and design recommendations on
Through Hole Reflow Technology can be found at: "Downloads".

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1963094

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1963 KEYSTONE-1963 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Videk Ltd
1963-1 VIDEK-1963-1 Datasheet
196Kb / 1P
Cat5e UTP RJ45 Male to Female Extension Cables
logo
Weidmuller
1963160000 WEIDMULLER-1963160000 Datasheet
358Kb / 6P
PushPull plug-in connector set according to IEC
14.01.2022
logo
Lapp.
19631800 LAPP-19631800 Datasheet
122Kb / 2P
EPIC® H-A 48 TG
29.08.2022
logo
Analog Devices
196319 AD-196319 Datasheet
760Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
More results


Similar Description - 1963094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1937460 PHOENIX-1937460 Datasheet
74Kb / 4P
Base strip - MCV 1,5/ 8-GF-3,5 THT
1937402 PHOENIX-1937402 Datasheet
146Kb / 4P
MCV 1,5/ 2-GF-3,5 THT
1843651 PHOENIX-1843651 Datasheet
793Kb / 17P
PCB header - MCV 1,5/ 7-G-3,5
Jul 20, 2022
1843680 PHOENIX-1843680 Datasheet
793Kb / 17P
PCB header - MCV 1,5/10-G-3,5
Jul 20, 2022
1731549 PHOENIX-1731549 Datasheet
352Kb / 10P
PCB header - MCV 1,5/ 8-G-3,5-RN
1843279 PHOENIX-1843279 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 7-GF-3,5
1843295 PHOENIX-1843295 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 9-GF-3,5
1843402 PHOENIX-1843402 Datasheet
413Kb / 11P
PCB header - MCV 1,5/20-GF-3,5
1843693 PHOENIX-1843693 Datasheet
470Kb / 12P
PCB header - MCV 1,5/11-G-3,5
1818054 PHOENIX-1818054 Datasheet
519Kb / 12P
MCV 1,5/ 8-GF-3,5-LR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com