Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82720-A Datasheet (PDF) - EPCOS

B82720-A Datasheet PDF - EPCOS
Part # B82720-A
Download  B82720-A Download
File Size   61.23 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Current-Compensated Ring Core Double Chokes

B82720-A Datasheet (PDF)

Go To PDF Page Download Datasheet
B82720-A Datasheet PDF - EPCOS

Part # B82720-A
Download  B82720-A Click to download

File Size   61.23 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Current-Compensated Ring Core Double Chokes

B82720-A Datasheet (HTML) - EPCOS


B82720-A Product details

Chokes for Power Lines
Current-Compensated Ring Core Double Chokes

Rated voltage 250 Vac
Rated current 0,3 to 2,0 A
Rated inductance 1,1 to 12 mH

Features
■ Vertical and horizontal versions
■ Case and potting flame-retardant as per UL 94 V-0
■ Approx. 0,8 % stray inductance for symmetrical interference suppression

Applications
■ Compact and narrow electronic ballasts in lamps (T2 lamps)
■ Compact, modular and desktop power supplies
■ Automation, compact power supplies up to 2 A




Similar Part No. - B82720-A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-H14 EPCOS-B82720-H14 Datasheet
57Kb / 2P
Chokes for Data and Signal Lines
B82720-H14-A16 EPCOS-B82720-H14-A16 Datasheet
57Kb / 2P
Chokes for Data and Signal Lines
B82720-H14-A25 EPCOS-B82720-H14-A25 Datasheet
57Kb / 2P
Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
Chokes for Data and Signal Lines
B82720-H15-A16 EPCOS-B82720-H15-A16 Datasheet
59Kb / 2P
Chokes for Data and Signal Lines
More results


Similar Description - B82720-A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com