Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82747 Datasheet (PDF) - EPCOS

B82747 Datasheet PDF - EPCOS
Part # B82747
Download  B82747 Download
File Size   87.04 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Current-Compensated Ring Core Triple Chokes

B82747 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82747 Datasheet PDF - EPCOS

Part # B82747
Download  B82747 Click to download

File Size   87.04 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Current-Compensated Ring Core Triple Chokes

B82747 Datasheet (HTML) - EPCOS


B82747 Product details

Rated voltage 440/250 Vac
Rated current 6 to 25 A
Rated inductance 1,3 to 6,0 mH

Construction
■ Current-compensated ring core triple choke with ferrite core
■ Polycarbonate case
■ For trough-hole fixing
■ Polyurethane potting
■ Sector winding

Features
■ Case and potting flame-retardant as per UL 94 V-0
■ > 1 % stray inductance for symmetrical interference suppression
■ High currents

Applications
■ Switch-mode power supplies for converters, USV
■ Power supplies




Similar Part No. - B82747

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82747E6163A040 TDK-B82747E6163A040 Datasheet
574Kb / 7P
Current-compensated ring core triple chokes
B82747E6203A040 TDK-B82747E6203A040 Datasheet
574Kb / 7P
Current-compensated ring core triple chokes
B82747E6253A040 TDK-B82747E6253A040 Datasheet
574Kb / 7P
Current-compensated ring core triple chokes
B82747E6353A040 TDK-B82747E6353A040 Datasheet
574Kb / 7P
Current-compensated ring core triple chokes
logo
EPCOS
B82747F EPCOS-B82747F Datasheet
144Kb / 6P
Power line chokes
More results


Similar Description - B82747

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82745S6123N002 TDK-B82745S6123N002 Datasheet
362Kb / 6P
Current-compensated ring core triple chokes
B82747E6163A040 TDK-B82747E6163A040 Datasheet
574Kb / 7P
Current-compensated ring core triple chokes
B82747F4103N001 TDK-B82747F4103N001 Datasheet
780Kb / 6P
Current-compensated ring core triple chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com