Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB6456T Datasheet (PDF) - NXP Semiconductors

SAB6456T Datasheet PDF - NXP Semiconductors
Part # SAB6456T
Download  SAB6456T Download
File Size   77.6 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler

SAB6456T Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB6456T Datasheet PDF - NXP Semiconductors

Part # SAB6456T
Download  SAB6456T Click to download

File Size   77.6 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler

SAB6456T Datasheet (HTML) - NXP Semiconductors




Similar Part No. - SAB6456T

ManufacturerPart #DatasheetDescription
logo
Schutzinger GmbH
SAB6922 SCHUTZINGER-SAB6922 Datasheet
166Kb / 2P
Safety threaded socket
26.06.2026
More results


Similar Description - SAB6456T

ManufacturerPart #DatasheetDescription
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
DIVIDE-BY-4 PRESCALER
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
1GHz DIVIDE-BY-248/256 PRESCALER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
2.5 GHz DIVIDE- BY- 512/256 PRESCALER
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com