Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01 Datasheet (PDF) - Microchip Technology

24CSM01 Datasheet PDF - Microchip Technology
Part # 24CSM01
Download  24CSM01 Download
File Size   1597.39 Kbytes
Page   63 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection

24CSM01 Datasheet (PDF)

Go To PDF Page Download Datasheet
24CSM01 Datasheet PDF - Microchip Technology

Part # 24CSM01
Download  24CSM01 Click to download

File Size   1597.39 Kbytes
Page   63 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection

24CSM01 Datasheet (HTML) - Microchip Technology


24CSM01 Product details

Features
• 1-Mbit EEPROM:
- Internally organized as one 131,072 x 8 bit
- Byte or page writes up to 256 bytes
- Byte or sequential reads
- Self-timed write cycle (5 ms maximum)
• High-Speed I2C Interface:
- High-Speed mode support for 3.4 MHz
- Industry standard: 1 MHz, 400 kHz and
100 kHz
- Output slope control to eliminate ground
bounce
- Schmitt Trigger inputs for noise suppression
• Security Register:
- Preprogrammed 128-bit serial number
- User-programmable, lockable
256-byte ID page
• Built-In Error Correction Code (ECC) Logic:
- Error Correction State (ECS) latch via the
Configuration register
• I2C Manufacturer Identification Function Support
• Versatile Data Protection Options:
- Hardware Write-Protect (WP) pin for full array
data protection
- Enhanced software write protection via the
Configuration register
• Operating Voltage Range of 1.7V to 5.5V
• Low-Power CMOS Technology:
- Write current: 3.0 mA maximum at 5.5V
- Read current: 1.0 mA maximum at 5.5V,
1 MHz
- Standby current: 1 μA at 5.5V (I-temp.)
• High Reliability:
- More than one million erase/write cycles
- Build-in ECC logic for increased reliability
- Data retention: >200 years
- ESD protection: >4000V
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified




Similar Part No. - 24CSM01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-E/P MICROCHIP-24CS512-E/P Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-E/SM MICROCHIP-24CS512-E/SM Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-E/SN MICROCHIP-24CS512-E/SN Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-I/P MICROCHIP-24CS512-I/P Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
More results


Similar Description - 24CSM01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
25CSM04 MICROCHIP-25CSM04 Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com