Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01 Datasheet(PDF) 8 Page - Microchip Technology

Part # 24CSM01
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24CSM01 Datasheet HTML 4Page - Microchip Technology 24CSM01 Datasheet HTML 5Page - Microchip Technology 24CSM01 Datasheet HTML 6Page - Microchip Technology 24CSM01 Datasheet HTML 7Page - Microchip Technology 24CSM01 Datasheet HTML 8Page - Microchip Technology 24CSM01 Datasheet HTML 9Page - Microchip Technology 24CSM01 Datasheet HTML 10Page - Microchip Technology 24CSM01 Datasheet HTML 11Page - Microchip Technology 24CSM01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
24CSM01
DS20006781B
-page 8
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
2.1
Device Address Inputs (A1 and
A2)
The A1 and A2 inputs are used by the 24CSM01 for
multiple device operations. The logic levels on these
inputs are compared with the corresponding bits in the
client address. The chip is selected if the compare is true.
Up to four devices may be connected to the same bus
by using different hardware client address bit
combinations. These inputs must be connected to
either VCC or VSS.
In most applications, the device address inputs, A1 and
A2, are hardwired to logic ‘0’ or logic ‘1’. For
applications in which these pins are controlled by a
microcontroller or another programmable logic device,
the device address pins must be driven to a logic ‘0’ or
a logic ‘1’ before normal device operation can proceed.
2.2
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal; therefore, the SDA bus requires a pull-up
resistor to VCC (typically 10 kΩ for 100 kHz, 2 kΩ for
400 kHz and 1 MHz and 330Ω for 3.4 MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
2.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC. If tied
to VSS, write operations to the memory array and
Security register are enabled. If tied to VCC, write
operations to the memory array and Security register are
inhibited, but read operations are not affected.
TABLE 2-1:
PIN FUNCTION TABLE
Name
8-Ball
CSP
8-Lead
MSOP
8-Lead
PDIP
8-Lead
SOIC
8-Lead
SOIJ
8-Lead
TSSOP
8-Lead
UDFN(1)
Function
NC
A5
111
111
No Connect
A1
B4
2
2
2
2
2
2
Device Address Input
A2
C3
3
3
3
3
3
3
Device Address Input
VSS
C5
444
444
Ground
SDA
C1
555
555
Serial Data
SCL
B2
666
666
Serial Clock
WP
A3
777
777
Write-Protect
VCC
A1
888
888
Device Power Supply
Note 1: The exposed pad on this package can be connected to VSS or left floating.
Note:
This pin is ignored when using Enhanced
Software Write Protection mode and
should be tied to either VCC or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com