Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24CSM01
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24CSM01 Datasheet HTML 7Page - Microchip Technology 24CSM01 Datasheet HTML 8Page - Microchip Technology 24CSM01 Datasheet HTML 9Page - Microchip Technology 24CSM01 Datasheet HTML 10Page - Microchip Technology 24CSM01 Datasheet HTML 11Page - Microchip Technology 24CSM01 Datasheet HTML 12Page - Microchip Technology 24CSM01 Datasheet HTML 13Page - Microchip Technology 24CSM01 Datasheet HTML 14Page - Microchip Technology 24CSM01 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 11
24CSM01
3.3.1.1
Read/Write Select Bit
The eighth bit (bit 0) of the device address byte is the
Read/Write Select (R/W) bit. A read operation is
initiated if this bit is a logic ‘1’ and a write operation is
initiated if this bit is a logic ‘0’.
Upon the successful comparison of the device address
byte, the 24CSM01 will respond. If a valid comparison
is not made, the device will not respond and will return
to a standby state.
3.3.2
WORD ADDRESS BYTES
Two 8-bit word address bytes are transmitted to the
device immediately following the device address byte.
The first word address byte contains the eight Most
Significant bits (MSbs) of the 17-bit memory array word
address to specify which location in the EEPROM to
start reading or writing. When accessing the Security
register, it is required that the A15 bit of the first word
address be set to a logic ‘0’ and the A11 and A10 bits
be set to ‘10b’, respectively. When accessing the
Configuration register, it is required that the A15 bit of
the first word address be set to a logic ‘1’ and the A11
and A10 bits be set to ‘10b’, respectively. Refer to
Table 3-3 for details.
Next, the second word address byte is sent to the
device, which provides the remaining eight bits of the
word address (A7 through A0). Refer to Table 3-4 for
details.
TABLE 3-3:
FIRST WORD ADDRESS BYTE
Memory Region
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1-Mbit EEPROM
A15
A14
A13
A12
A11
A10
A9
A8
Security Register Read/Write
0x
xx
10
xx
Lock Security Register
xx
xx
01
10
Configuration Register
1x
xx
10
xx
TABLE 3-4:
SECOND WORD ADDRESS BYTE
Memory Region
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1-Mbit EEPROM
A7
A6
A5
A4
A3
A2
A1
A0
Security Register Read/Write
A7
A6
A5
A4
A3
A2
A1
A0
Lock Security Register(1)
xx
xx
xx
xx
Configuration Register(1)
xx
xx
xx
xx
Note 1: When accessing the Configuration register or locking the Security register, the second word address byte
must be transmitted to the device, despite containing only “don’t care” values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com