Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01 Datasheet(PDF) 21 Page - Microchip Technology

Part # 24CSM01
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24CSM01 Datasheet HTML 17Page - Microchip Technology 24CSM01 Datasheet HTML 18Page - Microchip Technology 24CSM01 Datasheet HTML 19Page - Microchip Technology 24CSM01 Datasheet HTML 20Page - Microchip Technology 24CSM01 Datasheet HTML 21Page - Microchip Technology 24CSM01 Datasheet HTML 22Page - Microchip Technology 24CSM01 Datasheet HTML 23Page - Microchip Technology 24CSM01 Datasheet HTML 24Page - Microchip Technology 24CSM01 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 21
24CSM01
7.3
Sequential Read
A sequential read is initiated by either a current
address read or a random read. After the host receives
a data byte, it responds with an Acknowledge. As long
as the EEPROM receives an ACK, it will continue to
increment the word address and serially clock out the
sequential data byte. When the maximum memory
address is reached, the internal Address Pointer will
automatically roll over from word address 1FFFFh to
word address 00000h if the host acknowledges the
byte received from word address 1FFFFh.
All types of read operations will be terminated if the
host does not respond with an ACK (it NACKs) during
the ninth clock cycle, which will force the device into
Standby mode. After the NACK response, the host may
send a Stop condition to complete the protocol, or it can
send a Start condition to begin the next sequence.
FIGURE 7-3:
SEQUENTIAL READ
SCL
MSb
MSb
MSb
SDA
123
45
6
7
8
9
12
3
4
5
6
7
8
9
1
2
3
45
6
7
8
9
Word Address – Byte 1
Word Address – Byte 0
Device Address Byte
10
1
0
0
0
A15 A14 A13 A12 A11 A10 A9 A8 0 A7 A6 A5 A4 A3 A2
0
A1 A0
A2 A1 A16
ACK
from
Client
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
MSb
123
45
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
45
6
7
8
9
Data Byte (n+1)
Data Byte (n)
Device Address Byte
1
010
0
1
D7 D6 D5 D4 D3 D2 D1 D0 0 D7 D6 D5 D4 D3 D2
0
D1 D0
A2 A1 x
ACK
from
Host
ACK
from
Host
ACK
from
Client
Start by
Host
MSb
MSb
MSb
1
2
34
5
6
7
8
91
2
3
4
5
6
7
8
9
12
34
5
6
7
8
9
Data Byte (n+x)
Data Byte (n+3)
Device Byte (n+2)
D7 D6 D5 D4
0
D0
D7 D6 D5 D4 D3 D2 D1 D0 0 D7 D6 D5 D4 D3 D2
1
D1 D0
D3 D2 D1
NACK
from
Host
ACK
from
Host
ACK
from
Host
Stop by
Host
Note 1:
“Don’t care” bit.
(1)
Start by
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com