Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01 Datasheet(PDF) 27 Page - Microchip Technology

Part # 24CSM01
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01 Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24CSM01 Datasheet HTML 23Page - Microchip Technology 24CSM01 Datasheet HTML 24Page - Microchip Technology 24CSM01 Datasheet HTML 25Page - Microchip Technology 24CSM01 Datasheet HTML 26Page - Microchip Technology 24CSM01 Datasheet HTML 27Page - Microchip Technology 24CSM01 Datasheet HTML 28Page - Microchip Technology 24CSM01 Datasheet HTML 29Page - Microchip Technology 24CSM01 Datasheet HTML 30Page - Microchip Technology 24CSM01 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 27
24CSM01
9.4
Reading the Configuration
Register
When reading the Configuration register, a random
read sequence must be sent to the device (see
Section 7.2
“Random
Read”
for
additional
information). The address values must be compliant
with the values found in Table 9-1, Table 9-2 and
Table 9-3.
Figure 9-2 illustrates the Configuration register read
sequence. It is not possible to read the contents of the
Configuration register with a current address read
sequence as the correct word address bytes must be
sent to the device.
Accessing the Configuration register is only possible if
any sequence or command to the EEPROM (if one has
been sent) has been properly terminated with a Stop
condition. Without proper termination of that previous
sequence, all communications with the Configuration
register will not execute successfully.
FIGURE 9-2:
CONFIGURATION REGISTER READ SEQUENCE
Note:
If a Stop condition is issued after the word
address bytes, the read operation to the
Configuration register will not execute
properly.
Note:
The 24CSM01 will automatically roll over
from the second Configuration register
data byte to the first data byte if the host
continues to acknowledge the data bytes
during the read operation.
SCL
MSb
MSb
MSb
SDA
12
3
4
5
6
7
8
9
123
45
6
7
8
9
1
2
3
4
5
6
7
8
9
Word Address – Byte 1
Word Address – Byte 0
Device Address Byte
10
1
1
0
0
1
xx
x1
0
x
x
0
x
x
xx
x
x
0
xx
A2 A1 x
ACK
from
Client
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
MSb
1
2
34
5
6
7
8
91
2
3
4
5
6
7
8
9
12
34
5
6
7
8
9
Configuration Register
Configuration Register
Device Address Byte
10
1
1
0
1
D15 00 00 0 D9 D8 0 D7 D6 D5 D4 D3 D2
1
D1 D0
A2 A1 x
NACK
from
Host
ACK
from
Host
ACK
from
Client
Start by
Host
Stop by
Host
Byte 1 Contents
Byte 0 Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com