Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C562 Datasheet (PDF) - NXP Semiconductors

SC26C562 Datasheet PDF - NXP Semiconductors
Part # SC26C562
Download  SC26C562 Download
File Size   151.88 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS dual universal serial communications controller CDUSCC

SC26C562 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC26C562 Datasheet PDF - NXP Semiconductors

Part # SC26C562
Download  SC26C562 Click to download

File Size   151.88 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS dual universal serial communications controller CDUSCC

SC26C562 Datasheet (HTML) - NXP Semiconductors


SC26C562 Product details

DESCRIPTION
The Philips Semiconductors SC26C562 Dual Universal Serial Communications Controller (CDUSCC) is a single-chip CMOS-LSI communications device that provides two independent, multi-protocol, full-duplex receiver/transmitter channels in a single package. It supports bit-oriented and character-oriented (byte count and byte control) synchronous data link controls as well as asynchronous protocols. The SC26C562 interfaces to synchronous bus MPUs and is capable of program-polled, interrupt driven, block-move or DMA data transfers.

FEATURES
General Features
• Dual full-duplex synchronous/ asynchronous receiver and transmitter
• Multi-protocol operation
    – BOP: HDLC/ADCCP, SDLC, SDLC loop, X.25 or X.75 link level, etc.
    – COP: Single SYNC, dual SYNC, BiSYNC, DDCMP
    – ASYNC: 5-8 bits plus optional parity
• Sixteen character receive and transmit FIFOs with interrupt threshold control
• FIFO’ed status bits
• Watchdog timer
• 0 to 10 Mbit/sec data rate
• Programmable bit rate for each receiver and transmitter selectable from:
    – 19 fixed rates: 50 to 64K baud
    – One user-defined rate derived from programmable counter/timer
    – External 1X or 16X clock
    – Digital phase-locked loop
• Parity and FCS (frame check sequence LRC or CRC) generation and checking
• Programmable data encoding/decoding: NRZ, NRZI, FM0, FM1, Manchester
• Programmable channel mode: full- or half-duplex, auto-echo, or local loopback
• Programmable data transfer mode: polled, interrupt, DMA, wait
• DMA interface
    – Compatible with Synchronous and Asynchronous bus DMA controllers
    – Half- or full-duplex operation
    – Single or dual address data transfers
    – Automatic frame termination on counter/ timer terminal count or DMA DONE (EOPN)
• Transmit path clear status
• High speed data bus interface: 160ns bus cycle
• DPLL operation up to 312.5kHz with internal clock
• Interrupt capabilities
    – Vector output (fixed or modified by status)
    – Individual interrupt enable bits
    – Programmable internal priorities
    – Maskable interrupt conditions
    – 80XX/X compatible
• Multi-function programmable 16-bit counter/timer
    – Bit rate generator
    – Event counter
    – Count received or transmitted characters
    – Delay generator
    – Automatic bit length measurement
• Modem controls
    – RTS, CTS, DCD, and up to four general purpose I/O pins per channel
    – CTS and DCD programmable auto-enables for Tx and Rx
    – Programmable interrupt on change of CTS or DCD
• On-chip oscillator for crystal
• TTL compatible
• Single +5V power supply




Similar Part No. - SC26C562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
SC26C562C1A PHILIPS-SC26C562C1A Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
More results


Similar Description - SC26C562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SCN26562 PHILIPS-SCN26562 Datasheet
101Kb / 17P
Dual universal serial communications controller DUSCC
1995 May 1
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
Dual universal serial communications controller DUSCC
1995 May 01
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
CMOS SCC Serial Communications Controller
Z85C3016PSG ZILOG-Z85C3016PSG Datasheet
547Kb / 83P
CMOS SCC Serial Communications Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com