Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN26562 Datasheet (PDF) - NXP Semiconductors

SCN26562 Datasheet PDF - NXP Semiconductors
Part # SCN26562
Download  SCN26562 Download
File Size   101.2 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual universal serial communications controller DUSCC

SCN26562 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN26562 Datasheet PDF - NXP Semiconductors

Part # SCN26562
Download  SCN26562 Click to download

File Size   101.2 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual universal serial communications controller DUSCC

SCN26562 Datasheet (HTML) - NXP Semiconductors


SCN26562 Product details

DESCRIPTION
The Philips Semiconductors SCN26562 Dual Universal Serial Communications Controller (DUSCC) is a single-chip MOS-LSI communications device that provides two independent, multi-protocol, full-duplex receiver/transmitter channels in a single package. It supports bit-oriented and character-oriented (byte count and byte control) synchronous data link controls as well as asynchronous protocols. The SCN26562 interfaces to synchronous bus MPUs and is capable of program-polled, interrupt driven, block-move or DMA data transfers.

FEATURES
General Features
• Dual full-duplex synchronous/asynchronous receiver and transmitter
• Multiprotocol operation
    – BOP: HDLC/ADCCP, SDLC, SDLC loop, X.25 or X.75 link level, etc.
    – COP: BISYNC, DDCMP
    – ASYNC: 5–8 bits plus optional parity
• Four character receiver and transmitter FIFOs
• 0 to 4Mbit/sec data rate
• Programmable bit rate for each receiver and transmitter selectable from:
    – 16 fixed rates: 50 to 38.4k baud
    – One user-defined rate derived from programmable counter/timer
    – External 1X or 16X clock
    – Digital phase-locked loop
• Parity and FCS (frame check sequence LRC or CRC) generation and checking
• Programmable data encoding/decoding: NRZ, NRZI, FM0, FM1, Manchester
• Programmable channel mode: full- and half-duplex, auto-echo, or local loopback
• Programmable data transfer mode: polled, interrupt, DMA, wait
• DMA interface
    – Single- or dual-address dual transfers
    – Half- or full-duplex operation
    – Automatic frame termination on counter/timer terminal count or DMA EOPN input
• Interrupt capabilities
    – Vector output (fixed or modified by status)
    – Programmable internal priorities
    – Maskable interrupt conditions
• Multi-function programmable 16-bit counter/timer
    – Bit rate generator
    – Event counter
    – Count received or transmitted characters
    – Delay generator
    – Automatic bit length measurement
• Modem controls
    – RTS, CTS, DCD, and up to four general purpose pins per channel
    – CTS and DCD programmable auto-enables for Tx and Rx
    – Programmable interrupt on change of CTS or DCD
• On-chip oscillator for crystal
• TTL compatible
• Single +5V power supply




Similar Part No. - SCN26562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
More results


Similar Description - SCN26562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
Dual universal serial communications controller DUSCC
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
Universal Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com