Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN2651 Datasheet (PDF) - NXP Semiconductors

SCN2651 Datasheet PDF - NXP Semiconductors
Part # SCN2651
Download  SCN2651 Download
File Size   118.36 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable communications interface PCI

SCN2651 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN2651 Datasheet PDF - NXP Semiconductors

Part # SCN2651
Download  SCN2651 Click to download

File Size   118.36 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable communications interface PCI

SCN2651 Datasheet (HTML) - NXP Semiconductors


SCN2651 Product details

DESCRIPTION
The Philips Semiconductors SCN2651 PCI is a universal synchronous/asynchronous data communications controller chip designed for microcomputer systems. It interfaces directly to the Philips Semiconductors SCN2650 microprocessor and may be used in a polled or interrupt driven system environment. The SCN2651 accepts programmed instructions from the microprocessor and supports many serial data communication disciplines, synchronous and asynchronous, in the full or half-duplex mode.

FEATURES
• Synchronous operation
    – 5- to 8-bit characters
    – Single or double SYN operation
    – Internal character synchronization
    – Transparent or non-transparent mode
    – Automatic SYN or DLE-SYN insertion
    – SYN or DLE stripping
    – Odd, even, or no parity
    – Local or remote maintenance loopback mode
    – Baud rate: DC to 1Mbps (1X clock)
• Asynchronous operation
    – 5- to 8-bit characters
    – 1, 1-1/2 or 2 stop bits
    – Odd, even, or no parity
    – Parity, overrun and framing error detection
    – Line break detection and generation
    – False start bit detection
    – Automatic serial echo mode
    – Local or remote maintenance loopback mode
    – Baud rate: DC to 1Mbps
        (1X clock)
        DC to 62.5kbps (16X clock)
        DC to 15.625kbps
        (64X clock)

OTHER FEATURES
• Internal or external baud rate clock
• 16 internal rates – 50 to 19,200 baud
• Double buffered transmitter and receiver
• Full or half duplex operation
• TTL compatible inputs and outputs
• Single 5V power supply
• No system clock required
• 28-pin dual in-line package

APPLICATIONS
• Intelligent terminals
• Network processors
• Front-end processors
• Remote data concentrators
• Computer to computer links
• Serial peripherals




Similar Part No. - SCN2651

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2F40 PHILIPS-SCN2652AC2F40 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
More results


Similar Description - SCN2651

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
NXP Semiconductors
SCN2661 PHILIPS-SCN2661 Datasheet
131Kb / 19P
Enhanced programmable communications interface EPCI
1994 Apr 27
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
R65C51 ETC-R65C51 Datasheet
1Mb / 19P
ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
Programmable Communications Interface
logo
List of Unclassifed Man...
C518 ETC2-C518 Datasheet
239Kb / 1P
PCI-based Serial Communications Cards
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
isoSPI Isolated Communications Interface
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
Communications Interface
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
CANBus Communications Interface
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
Programmable Communications Interface
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com