Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN2661 Datasheet (PDF) - NXP Semiconductors

SCN2661 Datasheet PDF - NXP Semiconductors
Part # SCN2661
Download  SCN2661 Download
File Size   131.71 Kbytes
Page   19 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Enhanced programmable communications interface EPCI

SCN2661 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN2661 Datasheet PDF - NXP Semiconductors

Part # SCN2661
Download  SCN2661 Click to download

File Size   131.71 Kbytes
Page   19 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Enhanced programmable communications interface EPCI

SCN2661 Datasheet (HTML) - NXP Semiconductors


SCN2661 Product details

DESCRIPTION
The Philips Semiconductors SCN2661 EPCI is a universal synchronous/asynchronous data communications controller chip that is an enhanced version of the SCN2651. It interfaces easily to all 8-bit and 16-bit microprocessors and may be used in a polled or interrupt driven system environment. The SCN2661 accepts programmed instructions from the microprocessor while supporting many serial data communications disciplines —synchronous and asynchronous — in the full- or half-duplex mode. Special support for BISYNC is provided.

FEATURES
• Synchronous operation
    – 5- to 8-bit characters plus parity
    – Single or double SYN operation
    – Internal or external character synchronization
    – Transparent or non-transparent mode
    – Transparent mode DLE stuffing (Tx) and detection (Rx)
    – Automatic SYN or DLE-SYN insertion SYN, DLE and DLESYN stripping
    – Odd, even, or no parity
    – Local or remote maintenance loopback mode
    – Baud rate: DC to 1Mbps (1X clock)
• Asynchronous operation
    – 5- to 8-bit characters plus parity
    – 1, 1-1/2 or 2 stop bits transmitted
    – Odd, even, or no parity
    – Parity, overrun and framing error detection
    – Line break detection and generation
    – False start bit detection
    – Automatic serial echo mode (echoplex)
    – Local or remote maintenance loopback mode
    – Baud rate: DC to 1Mbps (1X clock) DC to 62.5kbps (16X clock) DC to 15.625kbps (64X clock)

OTHER FEATURES
• Internal or external baud rate clock
• 3 baud rate sets
• 16 internal rates for each set
• Double-buffered transmitter and receiver
• Dynamic character length switching
• Full- or half-duplex operation
• TTL compatible inputs and outputs
• RxC and TxC pins are short-circuit protected
• Single +5V power supply
• No system clock required

APPLICATIONS
• Intelligent terminals
• Network processors
• Front-end processors
• Remote data concentrators
• Computer-to-computer links
• Serial peripherals
• BISYNC adaptors




Similar Part No. - SCN2661

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
More results


Similar Description - SCN2661

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
Toshiba Semiconductor
TMP68661 TOSHIBA-TMP68661 Datasheet
1Mb / 35P
The TMP68661 enhanced programmable communications interface is a universal sychoronous/asynchronous data..
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
Enhanced Programmable Communication Interface EPCI
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
Enhanced Serial Communications Controller
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
Programmable Communications Interface
logo
Zilog, Inc.
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
Communications Interface
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
Programmable Communications Interface
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com