Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP110 Datasheet (PDF) - Texas Instruments

TMP110 Datasheet PDF - Texas Instruments
Part # TMP110
Download  TMP110 Download
File Size   1216.16 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems

TMP110 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP110 Datasheet PDF - Texas Instruments

Part # TMP110
Download  TMP110 Click to download

File Size   1216.16 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems

TMP110 Datasheet (HTML) - Texas Instruments


TMP110 Product details

1 Features
• Ultra-small, leadless X2SON-5 package
– Package size: 0.8 × 0.8 × 0.4mm
• Wide operating ranges
– V+ operating range: 1.14V to 5.5V
– Temperature range: -40°C to 125°C
• Accuracy holds across temperature
– ±1.0°C (maximum) from -40°C to 125°C
• 12-bit resolution: 0.0625°C (LSB)
• Flexible digital interface
– I2C and SMBus compatible
– I3C Mixed Bus co-existence capable
• Pinout and software compatible upgrades
– ±0.5°C → TMP112 (X2SON package)
• Low supply current
– 55μA Active current (typical)
– 0.15μA Shutdown current (typical)
– 3.2μA Average current (typical) at 1Hz
• Software compatible with Industry-Standard
– TMP102, TMP112
• Two (2) pinout options available
– ALERT Pin: TMP110D0, TMP110D1,
TMP110D2, TMP110D3
– Address Pin: TMP110D
• GUI-Based C-Code Generator

2 Applications
• Building automation
– Occupancy detection
– Video doorbell
– HVAC: Wireless environmental sensor
• Factory automation & control
– Machine vision camera
– Industrial PC: Single board computer
– CPU (PLC controller)
• Cold chain
• Data center & enterprise computing
– Solid state drive (SSD)
– Rack Server Motherboard
• Personal electronics
– PC & notebooks, tablets
– Digital still & video camera
– Augmented reality glasses
– Smart speakers

3 Description
The TMP110 is a I2C-compatible digital temperature
sensor in an ultra-small (0.64mm2) 5-pin package.
The small size and height package optimizes volume
constrained systems where DSBGA packages can
be considered unsuitable. Unlike DSBGA packages
of comparable size, TMP110 provides a 5th pin that
can either be used as an address pin or alert pin,
providing flexibility for both scalability of number of
sensors or monitoring critical thermal events.
The TMP110 offers an accuracy of ±1.0°C across the
temperature range with an on-chip 12-bit analog-todigital
converter (ADC) that provides a temperature
resolution of 0.0625°C.
The TMP110 is designed to operate from a supply
range as low as 1.14V, with a low average and
shutdown current of 3.2μA (at 1Hz) and 0.15μA,
respectively, allowing for an on-demand temperature
conversion and maximizing of battery life. The supply
can also be raised to as high as 5.5V for a range of
industrial applications.




Similar Part No. - TMP110

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
logo
Texas Instruments
TMP110 TI1-TMP110 Datasheet
1Mb / 36P
TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
FEBRUARY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 41P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
JULY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 38P
TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
REVISED JULY 2024
More results


Similar Description - TMP110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
logo
Analog Devices
MAX30210 AD-MAX30210 Datasheet
619Kb / 48P
±0.1°C Accurate, Ultra-Small, Low-Power I2C Digital Temperature Sensor
19-101474; Rev 0; 12/22
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com