Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420 Datasheet (PDF) - Analog Devices

ADT7420 Datasheet PDF - Analog Devices
Part # ADT7420
Download  ADT7420 Download
File Size   384.29 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor

ADT7420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7420 Datasheet PDF - Analog Devices

Part # ADT7420
Download  ADT7420 Click to download

File Size   384.29 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor

ADT7420 Datasheet (HTML) - Analog Devices


ADT7420 Product details

GENERAL DESCRIPTION
The ADT7420 is a high accuracy digital temperature sensor offering breakthrough performance over a wide industrial range, housed in an LFCSP package. It contains a band gap temperature reference and a 13-bit ADC to monitor and digitize the temperature to a 0.0625°C resolution. The ADC resolution, by default, is set to 13 bits (0.0625°C). This can be changed to 16 bits (0.0078°C) by setting Bit 7 in the configuration register to 1 (Register Address 0x03).

FEATURES
    Temperature accuracy: ±0.25°C from −20°C to +105°C
    13- or 16-bit user selectable temperature-to-digital converter
    Low drift silicon temperature sensor
    No temperature calibration/correction required by user
    Power saving 1 sample per second (SPS) mode
    Fast first conversion on power-up of 6 ms
    I2C-compatible interface
    Operating temperature: −40°C to +150°C
    Operating voltage: 2.7 V to 5.5 V
    Critical overtemperature indicator
    Programmable overtemperature/undertemperature interrupt
    Low power consumption: 700 µW typical at 3.3 V
    Shutdown mode for lower power: 7 µW typical at 3.3 V
    16-lead RoHS-compliant LFCSP package

APPLICATIONS
    RTD and thermistor replacement
    Medical equipment
    Cold junction compensation
    Industrial control and test
    Food transportation and storage
    Environmental monitoring and HVAC




Similar Part No. - ADT7420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
935Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420UCPZ-RL7 AD-ADT7420UCPZ-RL7 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420UPCZ AD-ADT7420UPCZ Datasheet
760Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results


Similar Description - ADT7420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
16-Bit Digital I2C Temperature Sensor
Rev. C
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com