Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320 Datasheet (PDF) - Analog Devices

ADT7320 Datasheet PDF - Analog Devices
Part # ADT7320
Download  ADT7320 Download
File Size   275.93 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor

ADT7320 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7320 Datasheet PDF - Analog Devices

Part # ADT7320
Download  ADT7320 Click to download

File Size   275.93 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor

ADT7320 Datasheet (HTML) - Analog Devices


ADT7320 Product details

GENERAL DESCRIPTION
The ADT7320 is a high accuracy digital temperature sensor that offers breakthrough performance over a wide industrial temperature range, housed in a 4 mm × 4 mm LFCSP package. It contains an internal band gap reference, a temperature sensor, and a 16-bit analog-to-digital converter (ADC) to monitor and digitize the temperature to a resolution of 0.0078°C. The ADC resolution, by default, is set to 13 bits (0.0625°C). The ADC resolution is a user programmable mode that can be changed through the serial interface.

FEATURES
   High performance
      Temperature accuracy
         ±0.20°C from −10°C to +85°C at 3.0 V
         ±0.25°C from −20°C to +105°C at 2.7 V to 3.3 V
      16-bit temperature resolution: 0.0078°C
      Ultralow temperature drift: 0.0073°C
      NIST traceable or equivalent
      Fast first temperature conversion on power-up of 6 ms
   Easy implementation
      No temperature calibration/correction required by user
      No linearity correction required
   Low power
      Power saving 1 sample per second (SPS) mode
      700 µW typical at 3.3 V in normal mode
      7 µW typical at 3.3 V in shutdown mode
   Wide operating ranges
      Temperature range: −40°C to +150°C
      Voltage range: 2.7 V to 5.5 V
   Programmable interrupts
      Critical overtemperature interrupt
      Overtemperature/undertemperature interrupt
   SPI-compatible interface
   16-lead, RoHS-compliant, 4 mm × 4 mm LFCSP package

APPLICATIONS
   RTD and thermistor replacement
   Thermocouple cold junction compensation
   Medical equipment
   Industrial control and test
   Food transportation and storage
   Environmental monitoring and HVAC
   Laser diode temperature control




Similar Part No. - ADT7320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
935Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7320 AD-ADT7320 Datasheet
485Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. 0
ADT7320UCPZ-R2 AD-ADT7320UCPZ-R2 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320UCPZ-R2 AD-ADT7320UCPZ-R2 Datasheet
485Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. 0
ADT7320UCPZ-RL7 AD-ADT7320UCPZ-RL7 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results


Similar Description - ADT7320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. A
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. 0
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. 0
logo
Maxim Integrated Produc...
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com