Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143ACPZN-R7 Datasheet (PDF) - Analog Devices

ADL8143ACPZN-R7 Datasheet PDF - Analog Devices
Part # ADL8143ACPZN-R7
Download  ADL8143ACPZN-R7 Download
File Size   1369.12 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8 GHz to 14 GHz, Low Noise Amplifier

ADL8143ACPZN-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8143ACPZN-R7 Datasheet PDF - Analog Devices

Part # ADL8143ACPZN-R7
Download  ADL8143ACPZN-R7 Click to download

File Size   1369.12 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8 GHz to 14 GHz, Low Noise Amplifier

ADL8143ACPZN-R7 Datasheet (HTML) - Analog Devices


ADL8143ACPZN-R7 Product details

GENERAL DESCRIPTION
The ADL8143 is a low noise amplifier (LNA) that operates from 8
GHz to 14 GHz. The typical gain, noise figure, output power for 1
dB compression (OP1dB), and output third-order intercept (OIP3)
are 28.5 dB, 1 dB, 7.5 dBm, and 19.5 dBm, respectively, from 8
GHz to 10 GHz. The nominal quiescent current (IDQ), which can be
adjusted, is 35 mA from a 1.5 V supply voltage (VDD). The ADL8143
also features inputs and outputs that are AC-coupled and internally
matched to 50 Ω.

FEATURES
► Single positive supply (self biased) typical: 1.5 V and 35 mA
► RBIAS drain current adjustment pin
► Gain: 28.5 dB from 8 GHz to 10 GHz
► Noise figure: 1 dB from 8 GHz to 10 GHz
► Extended operating temperature range: −55°C to +125°C
► Internally matched and AC-coupled
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Satellite communications
► Radar
► Telecommunications




Similar Part No. - ADL8143ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8143ACPZN-R7-CSL AD-ADL8143ACPZN-R7-CSL Datasheet
264Kb / 8P
8GHz to 14GHz, Low Noise Amplifier
Rev. 0
More results


Similar Description - ADL8143ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
8-16 GHz Low Noise Amplifier
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
logo
Analog Devices
ADL8150 AD-ADL8150 Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
logo
Qorvo, Inc
QPA2609D QORVO-QPA2609D Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com