Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8143ACPZN-R7
Description  8 GHz to 14 GHz, Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8143ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADL8143
8 GHz to 14 GHz, Low Noise Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single positive supply (self biased) typical: 1.5 V and 35 mA
►
RBIAS drain current adjustment pin
►
Gain: 28.5 dB from 8 GHz to 10 GHz
►
Noise figure: 1 dB from 8 GHz to 10 GHz
►
Extended operating temperature range: −55°C to +125°C
►
Internally matched and AC-coupled
►
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
►
Satellite communications
►
Radar
►
Telecommunications
GENERAL DESCRIPTION
The ADL8143 is a low noise amplifier (LNA) that operates from 8
GHz to 14 GHz. The typical gain, noise figure, output power for 1
dB compression (OP1dB), and output third-order intercept (OIP3)
are 28.5 dB, 1 dB, 7.5 dBm, and 19.5 dBm, respectively, from 8
GHz to 10 GHz. The nominal quiescent current (IDQ), which can be
adjusted, is 35 mA from a 1.5 V supply voltage (VDD). The ADL8143
also features inputs and outputs that are AC-coupled and internally
matched to 50 Ω.
The ADL8143 is housed in an RoHS-compliant, 2 mm × 2 mm,
8-lead lead frame chip scale package [LFCSP] and is specified for
operation from −55°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8143ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8143ACPZN-R7-CSL AD-ADL8143ACPZN-R7-CSL Datasheet
264Kb / 8P
8GHz to 14GHz, Low Noise Amplifier
Rev. 0
More results

Similar Description - ADL8143ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
8-16 GHz Low Noise Amplifier
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
logo
Analog Devices
ADL8150 AD-ADL8150 Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
logo
Qorvo, Inc
QPA2609D QORVO-QPA2609D Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com