Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL8143ACPZN-R7
Description  8 GHz to 14 GHz, Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL8143ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
ADL8143
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 16 of 17
Figure 52 shows a recommended power management circuit that
uses the LT3083 low dropout (LDO) regulator. The LT3083 output
load current is supplied to the IN pin. Power for the on-board control
is applied to the VCONTROL pin. A voltage that is at least 1.4 V
higher than the output voltage must be applied to the VCONTROL pin.
In Figure 52, VCONTROL has been set to 5 V but could be set as low
as 2.9 V for a 1.5 V output voltage. The current into the VCONTROL
pin is typically 1.7% of the total output current.
The LT3083 can provide up to 3 A of load current. In a phased array
application, a single LT3083 can easily provide bus power for all of
the ADL8143 devices in a 64-element array. A dropout voltage of
500 mV is assumed based on a load current of 3 A. If the required
load current is lower, the voltage on the IN pin of the LT3083 can be
reduced to improve efficiency. For example, for a load current of 1
A, the dropout voltage drops to a worst-case value of 160 mV.
For applications that require a lower dropout voltage, the LT3033
can be used. For a 3 A load, the worst-case dropout voltage is 240
mV in the LT3033.
Table 10 provides recommended resistor values to set the other
output voltages. In each case, the minimum VIN voltage is specified
based on a 3 A load and a 500 mV dropout voltage.
Table 10. Recommended Resistor Values for the Various LDO Output Voltages
LDO VOUT (V)
R2 (kΩ)
Minimum VDD (V)
1.2
24.3
1.7
1.5
30.1
2.0
2.0
40.2
2.5
2.5
49.9
3.0
3.0
60.4
3.5
3.3
66.5
3.8
3.5
69.8
4.0
Figure 52. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com