Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL8143ACPZN-R7
Description  8 GHz to 14 GHz, Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL8143ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADL8143
USING RBIAS AS A FAST ENABLE AND DISABLE FUNCTION
analog.com
Rev. 0 | 15 of 17
The RBIAS pin can be used as a fast enable and disable control
input. By incorporating a single-pole, double throw (SPDT) switch to
the RBIAS pin, an enable and/or disable circuit can be implemented
as shown in Figure 50. The ADG719 complementary metal-oxide
semiconductor (CMOS) switch is used to connect the RBIAS resis-
tor between GND and 1.8 V. When the RBIAS resistor is connected
to ground and the RF input level is −20 dBm, the overall current
consumption reduces to less than 1 mA. Figure 51 shows a plot of
the turn on and/or turn off response time of the RF output envelope
when the IN pin of the ADG719 is pulsed. Note that because the
ADG719 has a minimum supply voltage of 1.8 V, the supply voltage
for ADG719 and ADL8143 has been set to 1.8 V instead of 1.5 V to
satisfy that requirement.
Figure 50. Fast Enable and Disable Using a 0 V to 1.8 V Pulse on the RBIAS Resistor
Figure 51. On and/or Off Response of the RFOUT Envelope When the IN Pin of the ADG719 Is Pulsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com