Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143ACPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL8143ACPZN-R7
Description  8 GHz to 14 GHz, Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143ACPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL8143ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADL8143
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 17
The ADL8143 is a wideband LNA that operates from 8 GHz to 14
GHz. A simplified block diagram is shown in Figure 48.
The ADL8143 has internally AC-coupled, single-ended input and
output ports with an impedance that is nominally equal to 50 Ω
over the specified frequency range. While the RF output path is
AC-coupled, there is a DC path to ground on the RFOUT side of
the AC-coupling capacitor. No external matching components are
required. To adjust IDQ, connect an external resistor near the RBIAS
pin.
Figure 48. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com