Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8143ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL8143ACPZN-R7
Description  8 GHz to 14 GHz, Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL8143ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8143ACPZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
ADL8143
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 17
The basic connections for operating the ADL8143 from 8 GHz to
14 GHz are shown in Figure 49. No external biasing inductor is
required, allowing a 1.5 V supply to be connected to the VDD
pin. It is recommended to use 0.1 µF and 100 pF power supply
decoupling capacitors. The power supply decoupling capacitors
shown in Figure 49 represent the configuration used to characterize
and qualify the ADL8143.
To set the IDQ, connect a resistor, R2, between the RBIAS and
VDD pins. A default value of 487 Ω is recommended that results
in a nominal IDQ of 35 mA. The RBIAS pin also draws a current
that varies with the value of RBIAS. Table 8 and Table 9 show the
recommended RBIAS values with the associated IDQ values. Do not
leave the RBIAS pin open.
Figure 49. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
The correct sequencing of the DC and RF power is required to
safely operate the ADL8143. During power-up, apply VDD before
the RF power is applied to RFIN, and during power-off, remove the
RF power from RFIN before VDD is powered off.
Table 8. Recommended Bias Resistor Values for Various IDQ Values,
VDD = 1.5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
1171
20
19.1
0.9
835
25
23.8
1.2
629
30
28.5
1.5
487
35
33.1
1.9
398
40
37.8
2.2
329
45
42.4
2.6
Table 9. Recommended Bias Resistor Values for Various Supply Voltages,
IDQ = 35 mA
RBIAS (Ω)
VDD (V)
295
1.2
356
1.3
487
1.5
652
1.7
933
2.0
1494
2.5
2190
3.0
3091
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com