Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9093A Datasheet (PDF) - Analog Devices

DS9093A Datasheet PDF - Analog Devices
Part # DS9093A
Download  DS9093A Download
File Size   440.27 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RTC iButton

DS9093A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9093A Datasheet PDF - Analog Devices

Part # DS9093A
Download  DS9093A Click to download

File Size   440.27 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RTC iButton

DS9093A Datasheet (HTML) - Analog Devices


DS9093A Product details

Special Features
•Real-time clock/calendar in binary format
•Uses the same binary time/daterepresentation as the DS1994 but with1 second resolution
•Clock accuracy is better than ±2 minutes permonth at +25°C
•Operating temperature range from -40°C to+85°C
•Over 10 years of operation

Common iButton Features
•Unique, factory-lasered and tested 64-bitregistration number (8-bit family code +48-bit serial number + 8-bit CRC tester)assures absolute traceability because no twoparts are alike
•Multidrop controller for MicroLAN
•Digital identification and information bymomentary contact
•Chip-based data carrier compactly storesinformation
•Data can be accessed while affixed to object
•Economically communicates to host with asingle digital signal at 16.3kbps
•Standard 16mm diameter and 1-Wire®protocol ensure compatibility with iButton®device family
•Button shape is self-aligning with cup-shapedprobes
•Durable stainless steel case engraved withregistration number withstands harshenvironments
•Easily affixed with self-stick adhesive backing,latched by its flange, or locked with a ringpressed onto its rim
•Presence detector acknowledges whenreader first applies voltage




Similar Part No. - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
72Kb / 12P
RTC iButton
DS9093A DALLAS-DS9093A Datasheet
103Kb / 2P
iButton Key Ring Mounts
logo
Maxim Integrated Produc...
DS9093A MAXIM-DS9093A Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9093A MAXIM-DS9093A Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9093A MAXIM-DS9093A Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
More results


Similar Description - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1904 DALLAS-DS1904 Datasheet
72Kb / 12P
RTC iButton
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
Multi iButton
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
logo
Maxim Integrated Produc...
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
DS1904 MAXIM-DS1904_11 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com