Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2411AR+ Datasheet (PDF) - Analog Devices

DS2411AR+ Datasheet PDF - Analog Devices
Part # DS2411AR+
Download  DS2411AR+ Download
File Size   397.78 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Serial Number with or without VCC Input

DS2411AR+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2411AR+ Datasheet PDF - Analog Devices

Part # DS2411AR+
Download  DS2411AR+ Click to download

File Size   397.78 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Serial Number with or without VCC Input

DS2411AR+ Datasheet (HTML) - Analog Devices


DS2411AR+ Product details

FEATURES
Unique and Tested 64-Bit Registration Number(8-Bit Family Code Plus 48-Bit Serial NumberPlus 8-Bit CRC Tester); Guaranteed No TwoParts Alike
Standby Current <1μA
Built-In Multidrop Controller Enables MultipleDS2411s to Reside on a Common 1-Wire Network
Multidrop Compatible with Other 1-Wire Products
8-Bit Family Code Identifies Device as DS2411to the 1-Wire Master
Low-Cost TSOC, SOT23-3, and Flip-ChipSurface-Mount Packages
Directly Connects to a Single-Port Pin of aMicroprocessor and Communicates at up to15.4kbps
Overdrive Mode Boosts Communication Speedup to 125kbps
DS2411 Operating Range: 1.5V to 5.25V (VCC)
DS2411A Operating Range: 3V to 5.25V (noVCC), from -40°C to +85°C




Similar Part No. - DS2411AR+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
Silicon Serial Number with Vcc Input
Rev 11/11
DS2411 MAXIM-DS2411 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Dallas Semiconductor
DS2411P DALLAS-DS2411P Datasheet
231Kb / 11P
Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS2411P+ MAXIM-DS2411P+ Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
More results


Similar Description - DS2411AR+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
I짼C/SMBus Silicon Serial Number
REV: 072406
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
logo
IK Semicon Co., Ltd
IN74HC597A IKSEMICON-IN74HC597A Datasheet
200Kb / 10P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
logo
Maxim Integrated Produc...
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
Silicon Serial Number with Vcc Input
Rev 11/11
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
logo
Vincotech
V23990-P717-G10-P2-14 VINCOTECH-V23990-P717-G10-P2-14 Datasheet
605Kb / 6P
3~ phase input rectifier with or without BRC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com