Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2411P Datasheet (PDF) - Dallas Semiconductor

DS2411P Datasheet PDF - Dallas Semiconductor
Part # DS2411P
Download  DS2411P Download
File Size   231.05 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Silicon Serial Number with VCC Input

DS2411P Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2411P Datasheet PDF - Dallas Semiconductor

Part # DS2411P
Download  DS2411P Click to download

File Size   231.05 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Silicon Serial Number with VCC Input

DS2411P Datasheet (HTML) - Dallas Semiconductor


DS2411P Product details

DESCRIPTION
The DS2411 silicon serial number is a low-cost, electronic registration number with external power supply. It provides an absolutely unique identity that can be determined with a minimal electronic interface (typically, a single port pin of a microcontroller). The DS2411’s registration number is a factory-lasered, 64-bit ROM that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit family code (01h). Data is transferred serially through the Dallas Semiconductor’s 1-Wire protocol. The external power supply is required, extending the operating voltage range of the device below typical 1-Wire devices.

FEATURES
■ Unique, Factory-Lasered and Tested 64-Bit Registration Number (8-Bit Family Code Plus 48-Bit Serial Number Plus 8-Bit CRC Tester); Guaranteed No Two Parts Alike
■ Standby Current <1µA
■ Built-In Multidrop Controller Enables Multiple DS2411s to Reside on a Common 1-Wire® Network
■ Multidrop Compatible with Other 1-Wire Products
■ 8-Bit Family Code Identifies Device as DS2411 to the 1-Wire Master
■ Low-Cost TSOC, SOT23-3, and Flip-Chip Surface-Mount Packages
■ Directly Connects to a Single-Port Pin of a Microprocessor and Communicates at up to 15.4kbps
■ Overdrive Mode Boosts Communication Speed to 125kbps
■ Operating Range: 1.5V to 5.25V, -40°C to +85°C




Similar Part No. - DS2411P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2411P+ MAXIM-DS2411P+ Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Analog Devices
DS2411P+ AD-DS2411P+ Datasheet
397Kb / 13P
Silicon Serial Number with or without VCC Input
Rev 4/22
logo
Synology Inc.
DS2411PLUS SYNOLOGY-DS2411PLUS Datasheet
993Kb / 2P
DiskStation DS2411
More results


Similar Description - DS2411P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
logo
List of Unclassifed Man...
S24VP04 ETC1-S24VP04 Datasheet
67Kb / 12P
4K Serial E2PROM with a Precision Low-VCC Lockout Circuit
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
I짼C/SMBus Silicon Serial Number
REV: 072406
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
Silicon Serial Number with Vcc Input
Rev 11/11
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
Maxim Integrated Produc...
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com