Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20463A Datasheet (PDF) - Analog Devices

MAX20463A Datasheet PDF - Analog Devices
Part # MAX20463A
Download  MAX20463A Download
File Size   654.5 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description USB Type-A to Type-C Port Converter with Protection

MAX20463A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20463A Datasheet PDF - Analog Devices

Part # MAX20463A
Download  MAX20463A Click to download

File Size   654.5 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description USB Type-A to Type-C Port Converter with Protection

MAX20463A Datasheet (HTML) - Analog Devices


MAX20463A Product details

Benefits and Features
● Designed to USB Type-C R1.3 Specification with
Integrated VBUS Discharge
• USB Type-C 1.5A, 3.0A DFP Controller
• Type-C Current Limit Reduction with VBUS Dropout
● Designed for Cooperative Protection with Head-Unit
Protector
• Short-to-Battery and Short-to-Ground Survival on
HVBUS for Upstream Protector to Handle
• Accurate USB Bus Forward Current Threshold
• Low RON 28mΩ (typ) USB Power Switch
● Robust Design Keeps Vehicle System and Portable
Devices Safe in Automotive Environment
• Optional Shield Short-to-Battery Detection and
External FET Control
• Short-to-BUS Protection on Protected CC1 and
CC2 Outputs
• IEC 61000-4-2 Level-4 ESD Protection (HVBUS,
CC1, CC2, SENSE)
● 3mm x 3mm 12-Pin TDFN Package
● -40°C to +105°C Operating Temperature Range
● AEC-Q100 Qualified

Applications
● Automotive USB Captive-Cable Housing
● Automotive Downstream USB Modules




Similar Part No. - MAX20463A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
MAX20463AEVKIT MAXIM-MAX20463AEVKIT Datasheet
1Mb / 9P
Fully Assembled and Tested
Rev 0; 3/20
MAX20463AEVKIT# MAXIM-MAX20463AEVKIT# Datasheet
1Mb / 9P
Fully Assembled and Tested
Rev 0; 3/20
More results


Similar Description - MAX20463A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
Coolgear Inc.
CG-7PU313C COOLGEAR-CG-7PU313C Datasheet
146Kb / 3P
USB Type-C 7 Port Hub with 3 Type-C & 5 Type-A Ports w/DIN Rail – Surge Protection
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com