Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM8AAIG Datasheet (PDF) - Abracon Corporation

ABM8AAIG Datasheet PDF - Abracon Corporation
Part # ABM8AAIG
Download  ABM8AAIG Download
File Size   501.44 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Automotive & Industrial Grade Ceramic SMD Crystal

ABM8AAIG Datasheet (PDF)

Go To PDF Page Download Datasheet
ABM8AAIG Datasheet PDF - Abracon Corporation

Part # ABM8AAIG
Download  ABM8AAIG Click to download

File Size   501.44 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Automotive & Industrial Grade Ceramic SMD Crystal

ABM8AAIG Datasheet (HTML) - Abracon Corporation


ABM8AAIG Product details

Features
• AEC-Q200 Qualified
• Automotive Grade 1: -40°C to +125°C
• Automotive Grade 0: -40°C to +150°C
• TS16949 Production Line Certified
• PPAP Available Upon Request
• Hermetically Glass-sealed Ceramic Package
• RoHS/RoHS II Exemption

Applications
• Infotainment Systems
• Keyless Entry & Startup
• GPS & Navigation
• Comfort control
• ADAS (Advanced Driver Assistance Systems)
• Vehicle to Vehicle Communication
• LiDAR (Light Detection and Ranging)
• In-vehicle Networking
• Powertrain & Drive Control
• Power Control & Conversion
• Industrial Control & Automation




Similar Part No. - ABM8AAIG

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8A ABRACON-ABM8A Datasheet
588Kb / 6P
Commercial Grade Ceramic Base SMD 2-pad Crystal
3/7/2025
ABM8A-24.000MHZ ABRACON-ABM8A-24.000MHZ Datasheet
588Kb / 6P
Commercial Grade Ceramic Base SMD 2-pad Crystal
3/7/2025
ABM8AIG ABRACON-ABM8AIG Datasheet
5Mb / 4P
PPAP ready and supported
12.09.15
More results


Similar Description - ABM8AAIG

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXA2520B FOX-FXA2520B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA3225B FOX-FXA3225B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA5032B FOX-FXA5032B Datasheet
198Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA7050B FOX-FXA7050B Datasheet
204Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA2016B FOX-FXA2016B Datasheet
382Kb / 1P
Ceramic SMD Automotive Grade Crystal
logo
Abracon Corporation
ABM3AIG ABRACON-ABM3AIG Datasheet
966Kb / 5P
Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
06-13-19
ABM3BAIG ABRACON-ABM3BAIG Datasheet
909Kb / 5P
Automotive & Industrial Grade Ceramic Base SMD Crystal
06-14-19
ABM3CAIG ABRACON-ABM3CAIG Datasheet
968Kb / 5P
Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
ABM8GAIG ABRACON-ABM8GAIG Datasheet
727Kb / 5P
Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
ABM12AIG ABRACON-ABM12AIG Datasheet
585Kb / 5P
Automotive & Industrial Grade Miniature Ceramic Base SMD Crystal
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com