Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM8A Datasheet (PDF) - Abracon Corporation

ABM8A Datasheet PDF - Abracon Corporation
Part # ABM8A
Download  ABM8A Download
File Size   588.96 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Commercial Grade Ceramic Base SMD 2-pad Crystal

ABM8A Datasheet (PDF)

Go To PDF Page Download Datasheet
ABM8A Datasheet PDF - Abracon Corporation

Part # ABM8A
Download  ABM8A Click to download

File Size   588.96 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Commercial Grade Ceramic Base SMD 2-pad Crystal

ABM8A Datasheet (HTML) - Abracon Corporation


ABM8A Product details

Features
 3.2 x 2.5 x 0.95mm package
 Suitable for RoHS compliant reflow
 Seam sealed ceramic package with metal lid
assures high precision and reliability
 REACH/RoHS II Compliant | MSL Level = 1




Similar Part No. - ABM8A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8AAIG ABRACON-ABM8AAIG Datasheet
501Kb / 5P
Automotive & Industrial Grade Ceramic SMD Crystal
02-14-23
ABM8AIG ABRACON-ABM8AIG Datasheet
5Mb / 4P
PPAP ready and supported
12.09.15
More results


Similar Description - ABM8A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM53C ABRACON-ABM53C Datasheet
171Kb / 2P
COMMERCIAL GRADE CERAMIC SMD CRYSTAL
07.05.07
ABM53CA ABRACON-ABM53CA Datasheet
155Kb / 2P
COMMERCIAL GRADE CERAMIC SMD CRYSTAL
07.05.07
logo
ILSI America LLC
IL3T ILSI-IL3T Datasheet
126Kb / 2P
2 Pad Ceramic Base SMD Crystal, 2.0 mm x 1.2 mm
IL3W ILSI-IL3W Datasheet
176Kb / 2P
2 Pad Ceramic Base SMD Crystal, 1.6 mm x 1.0 mm
logo
Fronter Electronics Co....
HC-49SMD FRONTER-HC-49SMD Datasheet
168Kb / 2P
2 Pad SMD Crystal 11.5x4.8 mm
logo
Abracon Corporation
ABM3BAIG ABRACON-ABM3BAIG Datasheet
909Kb / 5P
Automotive & Industrial Grade Ceramic Base SMD Crystal
06-14-19
ABM8GAIG ABRACON-ABM8GAIG Datasheet
727Kb / 5P
Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
ABM12AIG ABRACON-ABM12AIG Datasheet
585Kb / 5P
Automotive & Industrial Grade Miniature Ceramic Base SMD Crystal
logo
Suntsu Electronics, Inc...
SXT532 SUNTSU-SXT532 Datasheet
394Kb / 2P
Ceramic SMT 2 Pad Crystal
SXT632 SUNTSU-SXT632 Datasheet
387Kb / 2P
Ceramic SMT 2 Pad Crystal
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com