Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L194 Datasheet (PDF) - NXP Semiconductors

SC28L194 Datasheet PDF - NXP Semiconductors
Part # SC28L194
Download  SC28L194 Download
File Size   294.08 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad UART for 3.3V and 5V supply voltage

SC28L194 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC28L194 Datasheet PDF - NXP Semiconductors

Part # SC28L194
Download  SC28L194 Click to download

File Size   294.08 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad UART for 3.3V and 5V supply voltage

SC28L194 Datasheet (HTML) - NXP Semiconductors


SC28L194 Product details

DESCRIPTION
The Philips 28L194 Quad UART is a single chip CMOS-LSI communications device that provides 4 full-duplex asynchronous channels with significantly deeper 16 byte FIFOs, Automatic in-band flow control using Xon/Xoff characters defined by the user and address recognition in the Wake-up mode. Synchronous bus interface is used for all communication between host and QUART. It is fabricated in Philips state of the art CMOS technology that combines the benefits of low cost, high density and low power consumption.

FEATURES
• Single 3.3V and 5.0V power supply
• Four Philips industry standard full duplex UART channels
• Sixteen byte receiver FIFOs for each UART
• Sixteen byte transmit FIFOs for each UART
• In band flow control using programmable Xon/Xoff characters
• Flow control using CTSN RTSN hardware handshaking
• Automatic address detection in multi-drop mode
• Three byte general purpose character recognition
• Fast data bus, 15 ns data bus release time, 125 ns bus cycle time
• Programmable interrupt priorities
• Automatic identification of highest priority interrupt pending
• Global interrupt and control registers ease setup and interrupt handling
• Vectored interrupts with programmable interrupt vector formats
    – Interrupt vector modified with channel number
    – Interrupt vector modified with channel number and channel type
    – Interrupt vector not modified
• IACKN and DACKN signal pins
• Watch dog timer for each receiver (64 receive clock counts)
• Programmable Data Formats:
    – 5 to 8 data bits plus parity
    – Odd, even force or no parity
    – 1, 1.5 or 2 stop bits
• Flexible baud rate selection for receivers and transmitters:
    – 22 fixed rates; 50 - 230.4K baud or 100 to 460.8K baud
    – Additional non-standard rates to 500K baud with internal generators
    – Two reload-counters provide additional programmable baud rate generation
    – External 1x or 16x clock inputs
    – Simplified baud rate selection
• 1 MHz 1x and 16x data rates full duplex all channels.
• Parity, framing and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
    – Normal(full duplex)
    – Diagnostic modes
        automatic echo
        local loop back
        emote loop back
• Four I/O ports per UART for modem controls, clocks, RTSN, I/O, etc.
    – All I/O ports equipped with “Change of State Detectors”
• Two global inputs and two global outputs for general purpose I/O
• Power down mode
• On chip crystal oscillator, 2-8 MHz
• TTL input levels. Outputs switch between full VCC and VSS
• High speed CMOS technology
• 80-pin Low Profile Quad Flat Pack LQFP and 68-pin PLCC

Uses
• Statistical Multiplexers
• Data Concentrators
    – Packet-switching networks
    – Process Control
    – Building or Plant Control
    – Laboratory data gathering
    – ISDN front ends
    – Computer Networks
    – Point-of-Sale terminals
• Automotive, cab and engine controls
• Entertainment systems
    – MIDDI keyboard control music systems
    – Theater lighting control
• Terminal Servers
    – Computer-Printer/Plotter links




Similar Part No. - SC28L194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198A1 PHILIPS-SC28L198A1 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198A1A PHILIPS-SC28L198A1A Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198A1BE PHILIPS-SC28L198A1BE Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198C1A PHILIPS-SC28L198C1A Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
More results


Similar Description - SC28L194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C198 PHILIPS-SC26C198 Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Exar Corporation
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
5V PCI BUS QUAD UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com