Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C198 Datasheet (PDF) - NXP Semiconductors

SC26C198 Datasheet PDF - NXP Semiconductors
Part # SC26C198
Download  SC26C198 Download
File Size   358.15 Kbytes
Page   49 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal UART with TTL compatibility at 3.3V and 5V supply voltages

SC26C198 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC26C198 Datasheet PDF - NXP Semiconductors

Part # SC26C198
Download  SC26C198 Click to download

File Size   358.15 Kbytes
Page   49 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal UART with TTL compatibility at 3.3V and 5V supply voltages

SC26C198 Datasheet (HTML) - NXP Semiconductors


SC26C198 Product details

DESCRIPTION
The Philips 26C198 Octal UART is a single chip CMOS–LSI communications device that provides 8 full-duplex asynchronous channels with significantly deeper 16 byte FIFOs, Automatic in–band flow control using Xon/Xoff characters defined by the user and address recognition in the wake up mode. Synchronous bus interface is used for all communication between host and OCTART. It is fabricated using Philips 1.0 micron CMOS technology that combines the benefits of low cost, high density and low power consumption.
The operating speed of each receiver and transmitter can be selected independently from one of 22 fixed baud rates, a 16X clock derived from one of two programmable baud rate counters or one of three external 16X clocks (1 available at 1x clock rate). The baud rate generator and counter can operate directly from a crystal or from seven other external or internal clock inputs. The ability to independently program the operating speed of the receiver and transmitter makes the Octal UART particularly attractive for dual speed full duplex channel applications such as clustered terminal systems. The receivers and transmitters are buffered with FIFOs of 16 characters to minimize the potential for receiver overrun and to reduce interrupt overhead. In addition, a handshaking capability and in–band flow control are provided to disable a remote UART transmitter when the receiver buffer is full or nearly so.
To minimize interrupt overhead an interrupt arbitration system is included which reports the context of the interrupting UART via direct access or through the modification of the interrupt vector. The context of the interrupt is reported as channel number, type of device interrupting ( receiver COS etc.) and, for transmitters or receivers, the fill level of the FIFO.
The Octal UART provides a power down mode in which the oscillator is stopped but the register contents are maintained. This results in reduced power consumption of several orders of magnitudes. The Octal UART is fully TTL compatible when operating from a single +5V power supply. Operation at 3.3 volts is maintained with CMOS interface levels.
The device also offered in a version which maintains TTL input and output levels while operating with a 3.3 volt power supply.

FEATURES
• Single 3.3v power supply
• Eight Philips industry standard full duplex UART channels
• Sixteen byte receiver FIFOs for each UART
• Sixteen byte transmit FIFOs for each UART
• In band flow control using programmable Xon/Xoff characters
• Flow control using CTSN RTSN hardware handshaking
• Automatic address detection in multi-drop mode
• Three byte general purpose character recognition
• Fast data bus, 30 ns data bus release time, 125 ns bus cycle time
• Programmable interrupt priorities
• Automatic identification of highest priority interrupt pending
• Global interrupt and control registers ease setup and interrupt handling
• Vectored interrupts with programmable interrupt vector formats
   – Interrupt vector modified with channel number
   – Interrupt vector modified with channel number and channel type
   – Interrupt vector not modified
• IACKN and DACKN signal pins
• Watch dog timer for each receiver (64 receive clock counts)
• Programmable Data Formats:
   – 5 to 8 data bits plus parity
   – Odd, even force or no parity
   – 1, 1.5 or 2 stop bits
• Flexible baud rate selection for receivers and transmitters:
   – 22 fixed rates; 50 – 230.4K baud or 100 to 460.8K baud
   – Additional non–standard rates to 500K baud with internal generators
   – Two reload–counters provide additional programmable baud rate generation
   – External 1x or 16x clock inputs
   – Simplified baud rate selection
• 1 MHz 1x and 16x data rates full duplex all channels.
• Parity, framing and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
   – Normal(full duplex)
   – Diagnostic modes
      automatic echo
      local loop back
      emote loop back
• Four I/O ports per UART for modem controls, clocks, RTSN, I/O etc.
   – All I/O ports equipped with ”Change of State Detectors”
• Two global inputs and two global outputs for general purpose I/O
• Power down mode
• On chip crystal oscillator, 2–8 MHz
• TTL input levels. Outputs switch between full VCC and VSS
• High speed CMOS technology
• 68 pin PLCC




Similar Part No. - SC26C198

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
SC26C562A8A PHILIPS-SC26C562A8A Datasheet
151Kb / 22P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562C1A PHILIPS-SC26C562C1A Datasheet
151Kb / 22P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562C1A PHILIPS-SC26C562C1A Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
More results


Similar Description - SC26C198

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
5V PCI BUS OCTAL UART
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
Exar Corporation
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Exar Corporation
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com