Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H646L Datasheet (PDF) - Micrel Semiconductor

SY10H646L Datasheet PDF - Micrel Semiconductor
Part # SY10H646L
Download  SY10H646L Download
File Size   92.94 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL

SY10H646L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10H646L Datasheet PDF - Micrel Semiconductor

Part # SY10H646L
Download  SY10H646L Click to download

File Size   92.94 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL

SY10H646L Datasheet (HTML) - Micrel Semiconductor


SY10H646L Product details

DESCRIPTION
The SY10/100H646L are single supply, low skew translating 1:8 clock drivers. Devices in the Micrel H600 translator series utilize the 28-lead PLCC for optimal power pinning, signal flow-through and electrical performance. The single supply H646L is similar to the HA643 which is a dual supply 1:8 version of the same function.

FEATURES
■ 3.3V power supply
■ PECL/TTL-to-TTL version of popular ECLinPS E111AE/LE
■ Guaranteed low skew specification
■ Three-state enable
■ Differential internal design
■ VBB output for single-ended operation
■ Extra TTL and ECL power/ground pins
■ Choice of ECL compatibility: 10K or 100K
■ Matched high and low output impedance
■ Available in 28-pin PLCC package




Similar Part No. - SY10H646L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646LJC MICREL-SY10H646LJC Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646LJCTR MICREL-SY10H646LJCTR Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646LJZ MICREL-SY10H646LJZ Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646LJZTR MICREL-SY10H646LJZTR Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results


Similar Description - SY10H646L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com