Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H641L Datasheet (PDF) - Micrel Semiconductor

SY10H641L Datasheet PDF - Micrel Semiconductor
Part # SY10H641L
Download  SY10H641L Download
File Size   86.79 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL

SY10H641L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10H641L Datasheet PDF - Micrel Semiconductor

Part # SY10H641L
Download  SY10H641L Click to download

File Size   86.79 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL

SY10H641L Datasheet (HTML) - Micrel Semiconductor


SY10H641L Product details

DESCRIPTION
The SY10/100H641L are single supply, low skew translating 1:9 clock drivers. Devices in the Micrel H600 translator series utilize the 28-lead PLCC for optimal power pinning, signal flow-through and electrical performance.

FEATURES
■ 3.3V power supply
■ PECL-to-TTL version of popular ECLinPS E111
■ Guaranteed low skew specification
■ Latched input
■ Differential ECL internal design
■ VBB output for single-ended operation
■ Reset/enable
■ Extra TTL and ECL power/ground pins
■ Choice of ECL compatibility: MECL 10KH (10Hxxx) or 100K (100Hxxx)
■ Available in 28-pin PLCC package




Similar Part No. - SY10H641L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641L MICREL-SY10H641L Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJC MICREL-SY10H641LJC Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJCTR MICREL-SY10H641LJCTR Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJZ MICREL-SY10H641LJZ Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJZTR MICREL-SY10H641LJZTR Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
More results


Similar Description - SY10H641L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
Micrel Semiconductor
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com