Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S811 Datasheet (PDF) - Micrel Semiconductor

SY100S811 Datasheet PDF - Micrel Semiconductor
Part # SY100S811
Download  SY100S811 Download
File Size   111.22 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL

SY100S811 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S811 Datasheet PDF - Micrel Semiconductor

Part # SY100S811
Download  SY100S811 Click to download

File Size   111.22 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL

SY100S811 Datasheet (HTML) - Micrel Semiconductor


SY100S811 Product details

DESCRIPTION
The SY100S811 is a low skew 1-to-9 PECL differential driver designed for clock distribution in new, high performance PECL systems. It accepts either a PECL clock input or a TTL input by using the TTL enable pin TEN. When the TTL enable pin is HIGH, the TTL input is enabled and the PECL input is disabled. When the enable pin is set LOW, the TTL input is disabled and the PECL input is enabled.

FEATURES
■ PECL version of popular ECLinPS E111
■ Low skew
■ Guaranteed skew spec
■ VBB output
■ TTL enable input
■ Selectable TTL or PECL clock input
■ Single +5V supply
■ Differential internal design
■ Similar pin configuration to E111
■ PECL I/O fully compatible with industry standard
■ Internal 75KΩ PECL input pull-down resistors
■ Available in 28-pin PLCC and SOIC packages




Similar Part No. - SY100S811

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811JC MICREL-SY100S811JC Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811JCTR MICREL-SY100S811JCTR Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811JZ MICREL-SY100S811JZ Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811JZTR MICREL-SY100S811JZTR Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results


Similar Description - SY100S811

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
Micrel Semiconductor
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com