Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3524 Datasheet (PDF) - NXP Semiconductors

SG3524 Datasheet PDF - NXP Semiconductors
Part # SG3524
Download  SG3524 Download
File Size   125.98 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SMPS control circuit

SG3524 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG3524 Datasheet PDF - NXP Semiconductors

Part # SG3524
Download  SG3524 Click to download

File Size   125.98 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SMPS control circuit

SG3524 Datasheet (HTML) - NXP Semiconductors


SG3524 Product details

DESCRIPTION
This monolithic integrated circuit contains all the control circuitry for a regulating power supply inverter or switching regulator. Included in a 16-pin dual-in-line package is the voltage reference, error amplifier, oscillator, pulse-width modulator, pulse steering flip-flop, dual alternating output switches and current-limiting and shut-down circuitry. This device can be used for switching regulators of either polarity, transformer-coupled DC-to-DC converters, transformerless voltage doublers and polarity converters, as well as other power control applications. The SG3524 is designed for commercial applications of 0°C to +70°C.

FEATURES
• Complete PWM power control circuitry
• Single ended or push-pull outputs
• Line and load regulation of 0.2%
• 1% maximum temperature variation
• Total supply current is less than 10mA
• Operation beyond 100kHz




Similar Part No. - SG3524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
93Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
SG3524 TI-SG3524 Datasheet
521Kb / 20P
REGULATING PULSE-WIDTH MODULATORS
logo
Linear Technology
SG3524 LINER-SG3524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG3524 MICROSEMI-SG3524 Datasheet
82Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
551Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jul-2000
More results


Similar Description - SG3524

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1060 PHILIPS-TDA1060 Datasheet
373Kb / 15P
CONTROL CIRCUIT FOR SMPS
February 1986
TDA2581 PHILIPS-TDA2581 Datasheet
341Kb / 7P
Control circuit for SMPS
September 1978
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
GreenChipII SMPS control IC
2000 Dec 05
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
SMPS battery charger control circuit
April 1991
logo
Comset Semiconductor
TDA1060N COMSET-TDA1060N Datasheet
67Kb / 3P
CONTROL CIRCUIT FOR SMPS
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com