Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3524 Datasheet (PDF) - Microsemi Corporation

SG3524 Datasheet PDF - Microsemi Corporation
Part # SG3524
Download  SG3524 Download
File Size   82.72 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description REGULATING PULSE WIDTH MODULATOR

SG3524 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG3524 Datasheet PDF - Microsemi Corporation

Part # SG3524
Download  SG3524 Click to download

File Size   82.72 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description REGULATING PULSE WIDTH MODULATOR

SG3524 Datasheet (HTML) - Microsemi Corporation


SG3524 Product details

DESCRIPTION
This monolithic integrated circuit contains all the control circuitry for a regulating power supply inverter or switching regulator. Included in a 16-pin dual-in-line package is the voltage reference, error amplifier, oscillator, pulse width modulator, pulse steering flip-flop, dual alternating output switches and current limiting and shut-down circuitry.

FEATURES
• 8V to 40V operation
• 5V reference
• Reference line and load regulation of 0.4%
• Reference temperature coefficient < ± 1%
• 100Hz to 300KHz oscillator range
• Excellent external sync capability
• Dual 50mA output transistors
• Current limit circuitry
• Complete PWM power control circuitry
• Single ended or push-pull outputs
• Total supply current less than 10mA




Similar Part No. - SG3524

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SG3524 PHILIPS-SG3524 Datasheet
125Kb / 5P
SMPS control circuit
1994 Aug 31
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
93Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
SG3524 TI-SG3524 Datasheet
521Kb / 20P
REGULATING PULSE-WIDTH MODULATORS
logo
Linear Technology
SG3524 LINER-SG3524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
551Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jul-2000
More results


Similar Description - SG3524

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com