Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-CPC Datasheet (PDF) - Cree LED

CLM2D-CPC Datasheet PDF - Cree LED
Part # CLM2D-CPC
Download  CLM2D-CPC Download
File Size   678.74 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLM2D-CPC: PLCC4 Cyan SMD LEDs

CLM2D-CPC Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM2D-CPC Datasheet PDF - Cree LED

Part # CLM2D-CPC
Download  CLM2D-CPC Click to download

File Size   678.74 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLM2D-CPC: PLCC4 Cyan SMD LEDs

CLM2D-CPC Datasheet (HTML) - Cree LED


CLM2D-CPC Product details

APPLICATIONS
• Channel Letter
• Architectural Lighting

FEATURES
• Size (mm): 3.2 x 2.8
• Color and Typical Dominant
Wavelength:
Gyan (500-512.5nm)
• Viewing angles:
CLM2D-CPC
30 degree minimum
• Moisture Sensitivity Level: 5a
• Lead - Free
• RoHS Compliant
• Untinted Diffused Lens




Similar Part No. - CLM2D-CPC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2D-CPC CREE-CLM2D-CPC Datasheet
812Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-CPC-CYbA03123 CREE-CLM2D-CPC-CYbA03123 Datasheet
812Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-CPC-CYbA0343 CREE-CLM2D-CPC-CYbA0343 Datasheet
812Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Similar Description - CLM2D-CPC

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
3.5x2.8mm PLCC4 SMD LED
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
3.5x2.8mm PLCC4 SMD LED
logo
Visual Communications C...
VAOS-SP4W4 VCC-VAOS-SP4W4 Datasheet
490Kb / 7P
PLCC4 SMD TYPE LED
logo
OptoSupply Internationa...
OSC34LS1C1A OPTOSUPPLY-OSC34LS1C1A Datasheet
91Kb / 1P
3.5x2.8x1.9mm Cyan SMD LED
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
PLCC4 SMD LED
logo
OptoSupply Internationa...
OSW54LS3C1A OPTOSUPPLY-OSW54LS3C1A Datasheet
110Kb / 1P
High Luminous PLCC4 Power Top SMD LEDs
OSW543S3C1A OPTOSUPPLY-OSW543S3C1A Datasheet
115Kb / 2P
High Luminous PLCC4 Power Top SMD LEDs
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A_15 Datasheet
720Kb / 10P
PLCC4 SMD LED
logo
Cree, Inc
CLA1BWKWMKW CREE-CLA1BWKWMKW Datasheet
723Kb / 14P
PLCC4 SMD LED
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
PLCC4 SMD LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com