Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-CPC Datasheet(PDF) 9 Page - Cree LED

Part # CLM2D-CPC
Description  CLM2D-CPC: PLCC4 Cyan SMD LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM2D-CPC Datasheet(HTML) 9 Page - Cree LED

  CLM2D-CPC Datasheet HTML 1Page - Cree LED CLM2D-CPC Datasheet HTML 2Page - Cree LED CLM2D-CPC Datasheet HTML 3Page - Cree LED CLM2D-CPC Datasheet HTML 4Page - Cree LED CLM2D-CPC Datasheet HTML 5Page - Cree LED CLM2D-CPC Datasheet HTML 6Page - Cree LED CLM2D-CPC Datasheet HTML 7Page - Cree LED CLM2D-CPC Datasheet HTML 8Page - Cree LED CLM2D-CPC Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CLM2D-CPC: PLCC4 GYAN SMD LEDs
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1415
REV 8
9
PACKAGING
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
• The boxes are not water resistant, and they must be kept away from water and moisture.
• The reel pack is applied in SMD LED.
• Max 2300 pcs per reel.
HUMIDITY INDICATOR
DESICCANT
Label
40%
20%
30%
10%
HUMICHECK
www.vitapac.com
A CARTON
POLYETHYLENE BAG
Label
Label



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com