Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD16 Datasheet (PDF) - Cree LED

XD16 Datasheet PDF - Cree LED
Part # XD16
Download  XD16 Download
File Size   2844.71 Kbytes
Page   37 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XD16 LEDs

XD16 Datasheet (PDF)

Go To PDF Page Download Datasheet
XD16 Datasheet PDF - Cree LED

Part # XD16
Download  XD16 Click to download

File Size   2844.71 Kbytes
Page   37 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XD16 LEDs

XD16 Datasheet (HTML) - Cree LED


XD16 Product details

FEATURES
• Available in outdoor white and 70-, 80-
and 90-CRI white
• ANSI-compatible chromaticity bins
• 3‑step and 5‑step options
• Binned at 85 °C
• Maximum drive current: 2000 mA
• Low thermal resistance: 1.8 °C/W
• Wide viewing angle: 135°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J‑STD‑020C
• RoHS and REACH compliant
• UL® recognized component (E349212)




Similar Part No. - XD16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XD16 CREE-XD16 Datasheet
2Mb / 29P
Cree짰 XLamp짰 XD16 LEDs
logo
Texas Instruments
XD160PR410RNQT TI1-XD160PR410RNQT Datasheet
826Kb / 29P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
XD160PR410RNQT TI1-XD160PR410RNQT Datasheet
828Kb / 30P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
logo
Cree, Inc
XD16AWT-H0-0000-000000GE7 CREE-XD16AWT-H0-0000-000000GE7 Datasheet
2Mb / 29P
Cree짰 XLamp짰 XD16 LEDs
XD16AWT-H0-0000-000000GF7 CREE-XD16AWT-H0-0000-000000GF7 Datasheet
2Mb / 29P
Cree짰 XLamp짰 XD16 LEDs
More results


Similar Description - XD16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
XLamp LEDs
Rev 2E
XD16 CREE-XD16 Datasheet
2Mb / 29P
Cree짰 XLamp짰 XD16 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com