Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R2 Datasheet (PDF) - Cree, Inc

MK-R2 Datasheet PDF - Cree, Inc
Part # MK-R2
Download  MK-R2 Download
File Size   1644.18 Kbytes
Page   14 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description XLamp LEDs

MK-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK-R2 Datasheet PDF - Cree, Inc

Part # MK-R2
Download  MK-R2 Click to download

File Size   1644.18 Kbytes
Page   14 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description XLamp LEDs

MK-R2 Datasheet (HTML) - Cree, Inc




Similar Part No. - MK-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R CREE-MK-R Datasheet
1Mb / 33P
Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
Rev 8A
More results


Similar Description - MK-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
XLamp XQ-E LEDs
Rev 1
ML-C CREE-ML-C Datasheet
1Mb / 19P
XLamp LEDs
Rev 4F
MT-G CREE-MT-G Datasheet
1Mb / 18P
XLamp EasyWhite LEDs
Rev 9D
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
XLamp EasyWhite LEDs
Rev 3F
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
XLamp LEDs
Rev 6D
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
XLamp XHP50.2 LEDs
Rev 0A
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
XLamp XHP50 LEDs
Rev 1G
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com