Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # MK-R2
Description  XLamp LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R2 Datasheet(HTML) 1 Page - Cree, Inc

  MK-R2 Datasheet HTML 1Page - Cree, Inc MK-R2 Datasheet HTML 2Page - Cree, Inc MK-R2 Datasheet HTML 3Page - Cree, Inc MK-R2 Datasheet HTML 4Page - Cree, Inc MK-R2 Datasheet HTML 5Page - Cree, Inc MK-R2 Datasheet HTML 6Page - Cree, Inc MK-R2 Datasheet HTML 7Page - Cree, Inc MK-R2 Datasheet HTML 8Page - Cree, Inc MK-R2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® MK-R2 LEDs
PRoDuCt DEsCRiPtion
The XLamp® MK-R2 easyWhite® LeD
builds on the breakthrough performance
of the original MK-R by enabling
high-voltage driver solutions while
providing a small, uniform, single point
source for precise optical control. The
MK-R2 shares the same mechanical
footprint as the original MK-R, providing
customers with a seamless upgrade path
and shortening the LeD luminaire and
retrofit lamp design cycle.
MK-R2 LeDs are designed for high-output,
directional lighting applications and
are the ideal replacement for lighting
applications that currently use inefficient
halogenlamps.MK-R2LeDsareoptimized
for use in track, accent, lamp retrofit,
downlighting and other applications
where color quality, consistency and
optical control are required.
FEAtuREs
• Available in 4-step and 2-step
EasyWhite bins at 2700 K & 3000 K,
80-CRI minimum
• Maximum drive current: 420 mA
• Low thermal resistance: 1.7 °C/W
• Maximum junction temperature:
150 °C
• Binned at 85 °C
• Viewing angle: 120°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component
(E349212)
tAbLE oF ContEnts
Characteristics ........................................2
Flux Characteristics, Standard Order
Codes and Bins .......................................2
Relative Spectral Power Distribution .....3
Relative Flux vs. Junction Temperature.3
electrical Characteristics........................4
Relative Flux vs. Current .........................4
Relative Chromaticity vs. Current...........5
Relative Chromaticity vs. Temperature..5
Typical Spatial Distribution.....................6
Thermal Design.......................................6
Performance Groups - Brightness .........7
Performance Groups - Chromaticity......7
Cree easyWhite® Bins Plotted on the
1931 CIE Color Space.............................8
Bin and Order Code Formats..................8
Reflow Soldering Characteristics...........9
Notes .....................................................10
Mechanical Dimensions .......................12
Tape and Reel........................................13
Packaging..............................................14


Similar Part No. - MK-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R CREE-MK-R Datasheet
1Mb / 33P
Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
Rev 8A
More results

Similar Description - MK-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
XLamp XQ-E LEDs
Rev 1
ML-C CREE-ML-C Datasheet
1Mb / 19P
XLamp LEDs
Rev 4F
MT-G CREE-MT-G Datasheet
1Mb / 18P
XLamp EasyWhite LEDs
Rev 9D
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
XLamp EasyWhite LEDs
Rev 3F
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
XLamp LEDs
Rev 6D
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
XLamp XHP50.2 LEDs
Rev 0A
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
XLamp XHP50 LEDs
Rev 1G
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com