Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R2 Datasheet(PDF) 2 Page - Cree, Inc

Part # MK-R2
Description  XLamp LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R2 Datasheet(HTML) 2 Page - Cree, Inc

  MK-R2 Datasheet HTML 1Page - Cree, Inc MK-R2 Datasheet HTML 2Page - Cree, Inc MK-R2 Datasheet HTML 3Page - Cree, Inc MK-R2 Datasheet HTML 4Page - Cree, Inc MK-R2 Datasheet HTML 5Page - Cree, Inc MK-R2 Datasheet HTML 6Page - Cree, Inc MK-R2 Datasheet HTML 7Page - Cree, Inc MK-R2 Datasheet HTML 8Page - Cree, Inc MK-R2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® mK-R2 LED
ChARACtERistiCs
Characteristics
unit
Minimum
typical
Maximum
Thermal resistance, junction to solder point
°C/W
1.7
Viewing angle - full width half maximum (FWHM)
degrees
120
Temperature coefficient of voltage
mV/°C
-28
ESD withstand voltage (HBM per Mil-Std-883D)
v
8000
DC forward current
mA
420
Reverse current
mA
100
Forward voltage (@ 233 mA, 85 °C)
v
36
Forward voltage (@ 233 mA, 25 °C)
v
42
LeD junction temperature
°C
150
FLuX ChARACtERistiCs, stAnDARD oRDER CoDEs AnD bins (i
F = 233 mA, tJ = 85 °C)
The following tables provide order codes for XLamp MK-R2 easyWhite LeDs. For a complete description of the order code nomenclature,
please reference Bin and Order Code Formats (page 8).
Color
CCt
Range
Minimum Luminous Flux
2-step
4-step
Group
Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C*
Chromaticity
Region
order Code
Chromaticity
Region
order Code
80-CRI
easyWhite
3000 K
G4
840
961
30H
MKRBWT-00-0000-0N0HG430H
30F
MKRBWT-00-0000-0N0HG430F
G2
780
893
MKRBWT-00-0000-0N0HG230H
MKRBWT-00-0000-0N0HG230F
2700 K
G2
780
893
27H
MKRBWT-00-0000-0N0HG227H
27F
MKRBWT-00-0000-0N0HG227F
F4
730
847
MKRBWT-00-0000-0N0HF427H
MKRBWT-00-0000-0N0HF427F
Notes:
• Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI
measurements. See the Measurements section (page 10).
• Minimum CRI for 80-CRI White is 80.
* Flux values @ 25 °C are calculated and for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com