Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R2 Datasheet(PDF) 3 Page - Cree, Inc

Part # MK-R2
Description  XLamp LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R2 Datasheet(HTML) 3 Page - Cree, Inc

  MK-R2 Datasheet HTML 1Page - Cree, Inc MK-R2 Datasheet HTML 2Page - Cree, Inc MK-R2 Datasheet HTML 3Page - Cree, Inc MK-R2 Datasheet HTML 4Page - Cree, Inc MK-R2 Datasheet HTML 5Page - Cree, Inc MK-R2 Datasheet HTML 6Page - Cree, Inc MK-R2 Datasheet HTML 7Page - Cree, Inc MK-R2 Datasheet HTML 8Page - Cree, Inc MK-R2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® mK-R2 LED
RELAtivE sPECtRAL PowER DistRibution
RELAtivE FLuX vs. JunCtion tEMPERAtuRE (i
F = 233 mA)
Relative Spectral Power
0
20
40
60
80
100
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Warm White
Relative Flux Output vs. Junction Temperature
0
20
40
60
80
100
120
25
50
75
100
125
150
Junction Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com