Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC857LC5 Datasheet (PDF) - Analog Devices

HMC857LC5 Datasheet PDF - Analog Devices
Part # HMC857LC5
Download  HMC857LC5 Download
File Size   576.41 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 Gbps, 2 x 2 CROSSPOINT SWITCH WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC857LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC857LC5 Datasheet PDF - Analog Devices

Part # HMC857LC5
Download  HMC857LC5 Click to download

File Size   576.41 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 Gbps, 2 x 2 CROSSPOINT SWITCH WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC857LC5 Datasheet (HTML) - Analog Devices


HMC857LC5 Product details

Features
Supports High Data Rates: up to 14 Gbps
Differential or Single-Ended Inputs / Outputs
Fast Rise and Fall Times: 21 / 21 ps
Low Power Consumption: 345 mW typ.
Programmable Differential
Output Voltage Swing: 475 - 1200 mVp-p
Propagation Delay: 117 ps
Single Supply: -3.3 V
32 Lead Ceramic 5 x 5 mm SMT Package: 25 mm2

Typical Applications
The HMC857LC5 is ideal for:
• SONET OC-192 and 10 GbE
• 16G Fiber Channel
• Networking & Storage
• Dual 2:1 Selector
• 1:2 Fanout with Input Mux




Similar Part No. - HMC857LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
HMC8500PM5ETR AD-HMC8500PM5ETR Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
RF ATE Applications
More results


Similar Description - HMC857LC5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
2 X 2 PROTECTION CROSSPOINT SWITCH
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
Micrel Semiconductor
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com