Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC954LC4B Datasheet (PDF) - Analog Devices

HMC954LC4B Datasheet PDF - Analog Devices
Part # HMC954LC4B
Download  HMC954LC4B Download
File Size   1143.72 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 Gbps, 2:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC954LC4B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC954LC4B Datasheet PDF - Analog Devices

Part # HMC954LC4B
Download  HMC954LC4B Click to download

File Size   1143.72 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 Gbps, 2:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC954LC4B Datasheet (HTML) - Analog Devices


HMC954LC4B Product details

Features
Supports Data Rates up to 32 Gbps
479 mW Power Consumption
-3.3 V or +3.3 V Operation is Available
Supports Single-Ended and Differential Operation
24 Lead Ceramic 4x4 mm SMT Package: 16 mm2

Typical Applications
The HMC954LC4B is ideal for:
• SONET OC-192
• Broadband Test & Measurement Equipment
• FPGA Interfacing Circuitry
• 16 G and 32 G Fiber Channel
• 100 Gbit Ethernet




Similar Part No. - HMC954LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC954LC4B HITTITE-HMC954LC4B Datasheet
985Kb / 8P
WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B_12 Datasheet
985Kb / 8P
WITH PROGRAMMABLE OUTPUT VOLTAGE
More results


Similar Description - HMC954LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC847LC5 HITTITE-HMC847LC5 Datasheet
1Mb / 10P
45 Gbps, 4:1 MUX WITH DUTY CYCLE CONTROL & PROGRAMMABLE OUTPUT VOLTAGE
HMC848LC5 HITTITE-HMC848LC5 Datasheet
1Mb / 10P
45 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC854LC5 HITTITE-HMC854LC5 Datasheet
1Mb / 10P
28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC855LC5 HITTITE-HMC855LC5 Datasheet
788Kb / 8P
28 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
32 Gbps, 1:2 Demux w/ Programmable Output Voltage
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com