Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96752 Datasheet (PDF) - Analog Devices

MAX96752 Datasheet PDF - Analog Devices
Part # MAX96752
Download  MAX96752 Download
File Size   1997.0 Kbytes
Page   159 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GMSL2 Deserializer with Dual LVDS (OLDI) Output

MAX96752 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX96752 Datasheet PDF - Analog Devices

Part # MAX96752
Download  MAX96752 Click to download

File Size   1997.0 Kbytes
Page   159 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GMSL2 Deserializer with Dual LVDS (OLDI) Output

MAX96752 Datasheet (HTML) - Analog Devices


MAX96752 Product details

Benefits and Features
● 1 x 4, 2 x 4, or 1 x 8 OLDI Output Lane Configurations
● 3Gbps or 6Gbps Forward Link Rates for System and
Power Flexibility
● Full-Duplex Capability Over a Single Wire
● Supports Up to 300MHz PCLK
● Supports Video Replication and Dual-View Splitting for
Driving Two Displays
● Uses Low-Cost 50Ω Coax or 100Ω STP Cables
● Forward and Reverse I2S or 7.1 TDM Audio
● Optional Internal VDD Regulator
● ASIL-Relevant Functional Safety Features
• ASIL-B Compliant
• 16-Bit CRC Protection of Control Channel Data
(I2C, UART, SPI, GPIO, Audio)
Retransmission of All Control Channel Data (I2C,
UART, SPI, GPIO, Audio) Upon Error Detection
• Optional 32-Bit Video Line Cyclic Redundancy
Check (CRC)
• Selectable Interrupts for Fault Detection
• Video Watermark Detection
● Performance Tools Ensure High Link Margin
• Continuous Adaptive Equalization on GMSL links
• Forward and Reverse Channel Pseudorandom
Binary Sequence (PRBS) Generator and Checker
for BER Testing of Serial I/O Links
• Eye-Opening Monitor for Continuous Link Margin
Diagnosis
● Concurrent Control Channel for Device Configuration
and Communicating with Remote Peripherals
• I2C, UART, Pass-Through I2C/UART, SPI, and
Tunneled or Register-Programmable GPIO
• Settable Priority Levels
• Eight Hardware Programmable Device Addresses
• Up to 14 Programmable General Purpose Input/
Output (GPIO)
• Sleep Mode with Register State Retention
● Compact 8mm x 8mm TQFN Package with Exposed Pad

Applications
● Cluster and Heads-Up Displays
● Central Information Displays
● Rear-Seat Infotainment Displays




Similar Part No. - MAX96752

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
MAX96751 AD-MAX96751 Datasheet
3Mb / 289P
GMSL2 Serializer with HDMI 2.0 Input
Rev 0; 4/24
logo
Maxim Integrated Produc...
MAX9675ECQ+ MAXIM-MAX9675ECQ+ Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
More results


Similar Description - MAX96752

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
logo
National Semiconductor ...
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
logo
Rohm
BU7985KVT ROHM-BU7985KVT Datasheet
827Kb / 20P
56bit LVDS Receiver 8:56 DeSerializer
BU8255KVT ROHM-BU8255KVT Datasheet
848Kb / 17P
35bit LVDS Receiver 5:35 DeSerializer
logo
Maxim Integrated Produc...
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 35P
Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
logo
Rohm
BU90R104 ROHM-BU90R104 Datasheet
341Kb / 18P
35bit LVDS Receiver 5:35 DeSerializer
BU18RL82-M ROHM-BU18RL82-M Datasheet
874Kb / 13P
Clockless Link-BD Deserializer with LVDS Interface for Automotive
7.Jun.2022 Rev.001
logo
Analog Devices
MAX96724 AD-MAX96724 Datasheet
4Mb / 474P
Quad Tunneling GMSL2/1 to CSI-2 Deserializer
Rev 4; 1/23
MAX96714 AD-MAX96714 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714 AD-MAX96714_V01 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
19-101134; Rev 2; 6/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com