Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB31532Q Datasheet (PDF) - Diodes Incorporated

PI3USB31532Q Datasheet PDF - Diodes Incorporated
Part # PI3USB31532Q
Download  PI3USB31532Q Download
File Size   1128.17 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps USB Type-C DP2.1/USB3 6:4 Crossbar Switch

PI3USB31532Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB31532Q Datasheet PDF - Diodes Incorporated

Part # PI3USB31532Q
Download  PI3USB31532Q Click to download

File Size   1128.17 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps USB Type-C DP2.1/USB3 6:4 Crossbar Switch

PI3USB31532Q Datasheet (HTML) - Diodes Incorporated


PI3USB31532Q Product details

Features
y Six Differential Channels to Two/Four Differential Channels
Bidirectional Crossbar Switch
y 10Gbps USB 3.2 Gen 2 Super Speed and DP 2.1 UHBR10
Switching to USB Type-C Connector
y Supports Either Pin Control or I2C Control to Configure the
Switch
y Low Insertion Loss: -1.7dB @ 10Gb/s
y Return Loss: -15dB @ 10Gb/s
y CrossTalk: -38dB @ 10Gb/s
y Off Isolation: -22dB @ 10Gb/s
y -3dB Bandwidth: 8.3GHz
y Multiplexes One of the Following to USB Type-C Connector:
à USB 3.2 Gen 2 Signal Only
à One Lane of USB 3.2 Gen 2 Signal and Two Channels of DP
2.1 UHBR10
à Four Channels of DP2.1 UHBR10
y With DP 2.1 UHBR10 Operating, AUX+ and AUX- are switch to
SBU Pins
y Power Supply: 3.3V
y AEC-Q100 Grade 2, -40°C to 105°C
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y The PI3USB31532Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green):
à 40-contact, TQFN (ZLC)

Application
y Smart Cockpit
y Rear Seat Entertainment




Similar Part No. - PI3USB31532Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB3102 PERICOM-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
logo
Diodes Incorporated
PI3USB3102 DIODES-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
logo
Pericom Semiconductor C...
PI3USB3102ZDA PERICOM-PI3USB3102ZDA Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
PI3USB3102ZLE PERICOM-PI3USB3102ZLE Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
logo
Diodes Incorporated
PI3USB3102ZLE DIODES-PI3USB3102ZLE Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
More results


Similar Description - PI3USB31532Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STP2230SOP ETC2-STP2230SOP Datasheet
202Kb / 16P
Crossbar Switch
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
logo
Dow-Key Microwave Corpo...
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
C-band Crossbar/Fan-Out
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
C-band Crossbar/Fan-Out
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
NXP Semiconductors
PTN36043A NXP-PTN36043A Datasheet
854Kb / 29P
USB Type-C SuperSpeed active switch
Rev. 1-19 February 2018
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com